전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC000049 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 MC000049
상세설명  5.08 mm Screw Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

MC000049 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  MC000049 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC000049 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions : Millimetres (Inches)
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
10/10/11
10/10/11
24/10/11
Veena
RELEASED
MC00004 - Series
Important Notice : This data sheet and its contents (the "Information") belong to the mem-
bers of the Premier Farnell group of companies (the "Group") or are licensed to it. No
licence is granted for the use of it other than for information purposes in connection with
the products to which it relates. No licence of any intellectual property rights is granted. The
Information is subject to change without notice and replaces all data sheets previously sup-
plied. The Information supplied is believed to be accurate but the Group assumes no
responsibility for its accuracy or completeness, any error in or omission from it or for any
use made of it. Users of this data sheet should check for themselves the Information and
the suitability of the products for their purpose and not make any assumptions based on
information included or omitted. Liability for loss or damage resulting from any reliance on
the Information or use of it (including liability resulting from negligence or where the Group
was aware of the possibility of such loss or damage arising) is excluded. This will not oper-
ate to limit or restrict the Group's liability for death or personal injury resulting from its negli-
gence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2011.
TOLERANCES:
DRAWN BY:
Amudha
Veena
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
5.08 mm Screw Terminal
MB310-508Mxx-D_DWG
M10002763
10/10/11
DATE:
SIZE
SCALE: NTS
U.O.M.: mm (Inches)
SHEET:
1
OF 2
DWG NO.
ELECTRONIC FILE
REV
A
A
DATE:
24/10/11
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
Amudha
10/10/11
PCB Layout


유사한 부품 번호 - MC000049

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
   USB C Male to USB 3.1 A Male Cable 1m
MC000993 ETC2-MC000993 Datasheet
169Kb / 1P
   USB 2.0 Micro B Male to C Male Cable 1m
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
   USB C to USB C Cable
MC000997 ETC2-MC000997 Datasheet
219Kb / 1P
   USB C to USB C Cable
MC000998 ETC2-MC000998 Datasheet
219Kb / 1P
   USB C to USB C Cable
More results

유사한 설명 - MC000049

제조업체부품명데이터시트상세설명
logo
Lumberg
MX122-508 LUMBERG-MX122-508 Datasheet
643Kb / 3P
   Spring terminal blocks, pitch 5.08 mm
MX222-508 LUMBERG-MX222-508 Datasheet
577Kb / 3P
   Spring terminal blocks, pitch 5.08 mm
ME010-508 LUMBERG-ME010-508_18 Datasheet
426Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
6770 LUMBERG-6770_18 Datasheet
336Kb / 4P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
ME030-508 LUMBERG-ME030-508_18 Datasheet
418Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
ME040-508 LUMBERG-ME040-508_18 Datasheet
450Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
ME020-508 LUMBERG-ME020-508_18 Datasheet
536Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
MC100-508 LUMBERG-MC100-508_18 Datasheet
794Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
MC200-508 LUMBERG-MC200-508_18 Datasheet
644Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
MC310-508 LUMBERG-MC310-508_18 Datasheet
740Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com