전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC1220E 데이터시트(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 DAC1220E
상세설명  20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC1220E 데이터시트(HTML) 2 Page - Burr-Brown (TI)

  DAC1220E Datasheet HTML 1Page - Burr-Brown (TI) DAC1220E Datasheet HTML 2Page - Burr-Brown (TI) DAC1220E Datasheet HTML 3Page - Burr-Brown (TI) DAC1220E Datasheet HTML 4Page - Burr-Brown (TI) DAC1220E Datasheet HTML 5Page - Burr-Brown (TI) DAC1220E Datasheet HTML 6Page - Burr-Brown (TI) DAC1220E Datasheet HTML 7Page - Burr-Brown (TI) DAC1220E Datasheet HTML 8Page - Burr-Brown (TI) DAC1220E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
®
DAC1220
SPECIFICATIONS
All specifications TMIN to TMAX, AVDD = DVDD = +5V, fXIN = 2.5MHz, VREF = +2.5V, and 16-bit mode, unless otherwise noted.
DAC1220E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ACCURACY
Monotonicity
16
Bits
Monotonicity
20-Bit Mode
20
Bits
Linearity Error
±1(1)
LSB
Unipolar Offset Error(2)
VOUT = 20mV
±4
LSB
Unipolar Offset Error Drift(3)
1
ppm/
°C
Bipolar Zero Offset Error(2)
VOUT = VREF
±1
LSB
Bipolar Zero Offset Drift(3)
1
ppm/
°C
Gain Error(2)
±10
LSB
Gain Error Drift(3)
2
ppm/
°C
Power Supply Rejection Ratio
at DC, dB = –20log(
∆V
OUT/∆VDD)60
dB
ANALOG OUTPUT
Output Voltage(4)
0
2 • VREF
V
Output Current
0.5
mA
Capacitive Load
500
pF
Short-Circuit Current
±20
mA
Short-Circuit Duration
GND or VDD
Indefinite
DYNAMIC PERFORMANCE
Settling Time(5)
To
±0.012%
1.8
2
ms
20-Bit Mode, to
±0.003%
15
ms
Output Noise Voltage
0.1Hz to 10Hz
1
µVrms
REFERENCE INPUT
Input Voltage
2.25
2.5
2.75
V
Input Impedance
100
k
DIGITAL INPUT/OUTPUT
Logic Family
TTL-Compatible CMOS
Logic Levels (all except XIN)
VIH
2.0
DVDD +0.3
V
VIL
–0.3
0.8
V
VOH
IOH = –0.8mA
3.6
V
VOL
IOL = 1.6mA
0.4
V
Input-Leakage Current
±10
µA
XIN Frequency Range (fXIN)
0.5
2.5
MHz
Data Format
User Programmable
Offset Two’s Complement
or Straight Binary
POWER SUPPLY REQUIREMENTS
Power Supply Voltage
4.75
5.25
V
Supply Current
Analog Current
360
µA
Digital Current
140
µA
Analog Current
20-Bit Mode
460
µA
Digital Current
20-Bit Mode
140
µA
Power Dissipation
2.5
3.5
mW
20-Bit Mode
3.0
mW
Sleep Mode
0.45
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
°C
NOTES: (1) Valid from AGND + 20mV to AVDD – 20mV, in the 16-bit mode. (2) Applies after calibration, in 16-bit mode. (3) Re-calibration can remove these errors.
(4) Ideal output voltage, does not take into account gain and offset error. (5) Valid from AGND +20mV to AVDD –20mV. Outside of this range, settling time may
be twice the value indicated. For 16-bit mode, C1 = 2.2nF, C2 = 0.22nF; for 20-bit mode, C1 = 10nF, C2 = 3.3nF.


유사한 부품 번호 - DAC1220E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC1220E TI1-DAC1220E Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E TI-DAC1220E Datasheet
658Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E/2K5 TI1-DAC1220E/2K5 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E/2K5G4 TI1-DAC1220E/2K5G4 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220EG4 TI1-DAC1220EG4 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
More results

유사한 설명 - DAC1220E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E TI-DAC1220E Datasheet
658Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
logo
Texas Instruments
ADS1254-EP TI1-ADS1254-EP Datasheet
537Kb / 26P
[Old version datasheet]   24-Bit, 20-kHz, LOW POWER ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1_15 Datasheet
967Kb / 27P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com