전자부품 데이터시트 검색엔진 |
|
DAC1221 데이터시트(PDF) 8 Page - Burr-Brown (TI) |
|
|
DAC1221 데이터시트(HTML) 8 Page - Burr-Brown (TI) |
8 / 14 page 8 ® DAC1221 TABLE II. Instruction Register. MSB LSB R/W MB1 MB0 0 A3 A3 A1 A0 NOTE: INSR is a write-only register with the MSB (Most Significant Byte and Bit) written first, independent of the BD bit. A3 A2 A1 A0 0 0 0 0 Data Input Register Byte 1 MSB 0 0 0 1 Data Input Register Byte 0 LSB 0 0 1 0 Reserved 0 0 1 1 Reserved 0 1 0 0 Command Register Byte 1 MSB 0 1 0 1 Command Register Byte 0 LSB 0 1 1 0 Reserved 0 1 1 1 Reserved 1 0 0 0 Offset Cal Register Byte 2 MSB 1 0 0 1 Offset Cal Register Byte 1 1 0 1 0 Offset Cal Register Byte 0 LSB 1 0 1 1 Reserved 1 1 0 0 Full-Scale Cal Register Byte 2 MSB 1 1 0 1 Full-Scale Cal Register Byte 1 1 1 1 0 Full-Scale Cal Register Byte 0 LSB 1 1 1 1 Reserved TABLE III. A3 - A0 Addressing. MSB Byte 1 ADPT CALPIN 1 0 1 0 CRST 0 Byte 0 LSB 0 CLR DF DISF BD MSB MD1 MD0 TABLE IV. Command Register. R/W 0 Write 1 Read MB1 MB0 0 0 1 Byte 0 1 2 Bytes 1 0 3 Bytes DAC1221 operation mode, settling mode and data format. The Data Input Register (DIR) contains the value for the next conversion. The Offset and Full-Scale Calibration Reg- isters (OCR and FCR) contain data used for correcting the internal conversion value after it is placed into the DIR. The data in these two registers may be the result of a calibration routine, or they may be values which have been written directly via the serial interface. INSTRUCTION REGISTER (INSR) Each serial communication starts with the 8 bits of INSR being sent to the DAC1221. The read/write bit, the number of bytes (n), and the starting register address are defined in Table II. When the n bytes have been transferred, the instruction is complete. A new communication cycle is initiated by sending a new INSR (under restrictions outlined in the Interfacing section). R/W (Read/Write) Bit—For a write operation to occur, this bit of the INSR must be 0. For a read, this bit must be 1, as shown: MB1, MB0 (Multiple Bytes) Bits—These two bits are used to control the word length (number of bytes) of the read or write operation, as shown: A3 – A0 (Address) Bits—These four bits select the begin- ning register location that will be read from or written to, as shown in Table III. Each subsequent byte will be read from or written to the next higher location (increment address). If the BD bit in the Command register is set, each subsequent byte will be read from or written to the next lower location (decrement address). This bit does not affect INSR register or the write operation for the CMR register. If the next location is reserved in Table III, the results are unknown. Reading or writing continues until the number of bytes specified by MB1 and MB0 have been transferred. COMMAND REGISTER (CMR) The CMR controls all of the functionality of the DAC1221. The new configuration is latched in on the negative transi- tion of SCLK for the last bit of the last byte of data being written to the command register. The organization of the CMR is comprised of 16 bits of information in 2 bytes of 8 bits each. ADPT (Adaptive Filter Disable) Bit—The ADPT bit de- termines if the adaptive filter is enabled or disabled. When the Adaptive Filter is enabled, the DAC1221 does fast settling only when there is an output step of larger than ≈ 40mV. For small changes in the data, fast settling is not necessary. When ADPT = 1, the Adaptive Filter is disabled and the DAC1221 will not look at the size of a step to determine the necessity of using fast settling. In either case, fast settling can be defeated if DISF = 1. ADPT 0 Enabled (default) 1 Disabled |
유사한 부품 번호 - DAC1221 |
|
유사한 설명 - DAC1221 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |