전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC714 데이터시트(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 DAC714
상세설명  16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC714 데이터시트(HTML) 1 Page - Burr-Brown (TI)

  DAC714 Datasheet HTML 1Page - Burr-Brown (TI) DAC714 Datasheet HTML 2Page - Burr-Brown (TI) DAC714 Datasheet HTML 3Page - Burr-Brown (TI) DAC714 Datasheet HTML 4Page - Burr-Brown (TI) DAC714 Datasheet HTML 5Page - Burr-Brown (TI) DAC714 Datasheet HTML 6Page - Burr-Brown (TI) DAC714 Datasheet HTML 7Page - Burr-Brown (TI) DAC714 Datasheet HTML 8Page - Burr-Brown (TI) DAC714 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
DAC714
FEATURES:
q SERIAL DIGITAL INTERFACE
q VOLTAGE OUTPUT:
±10V, ±5V, 0 to +10V
q
±1 LSB INTEGRAL LINEARITY
q 16-BIT MONOTONIC OVER TEMPERATURE
q PRECISION INTERNAL REFERENCE
q LOW NOISE: 120nV/
√Hz Including Reference
q 16-LEAD PLASTIC AND CERAMIC SKINNY
DIP AND PLASTIC SOIC PACKAGES
DAC714
16-Bit DIGITAL-TO-ANALOG CONVERTER
With Serial Data Interface
DESCRIPTION
The DAC714 is a complete monolithic digital-to-
analog converter including a +10V temperature com-
pensated reference, current-to-voltage amplifier, a
high-speed synchronous serial interface, a serial out-
put which allows cascading multiple converters, and
an asynchronous clear function which immediately
sets the output voltage to midscale.
The output voltage range is
±10V, ±5V, or 0 to +10V
while operating from
±12V or ±15V supplies. The
gain and bipolar offset adjustments are designed so
that they can be set via external potentiometers or
external D/A converters. The output amplifier is pro-
tected against short circuit to ground.
The 16-pin DAC714 is available in a plastic 0.3" DIP,
ceramic 0.3" CERDIP, and wide-body plastic SOIC
package. The DAC714P, U, HB, and HC are specified
over the –40
°C to +85°C temperature range while the
DAC714HL is specified over the 0
°C to +70°C range.
®
© 1994 Burr-Brown Corporation
PDS-1252D
Printed in U.S.A. July, 1997
V
OUT
V
REF OUT
+10V
Reference
Circuit
16-Bit D/A Converter
D/A Latch
SDO
R
FB2
16
Input Shift Register
16
A
1
SDI
CLK
CLR
A
0
Offset Adjust
Gain
Adjust
R
BPO
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132


유사한 부품 번호 - DAC714

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC71408 TI1-DAC71408 Datasheet
501Kb / 42P
[Old version datasheet]   8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC71408 TI1-DAC71408 Datasheet
2Mb / 55P
[Old version datasheet]   8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC71408RHAR TI1-DAC71408RHAR Datasheet
2Mb / 55P
[Old version datasheet]   8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC71408RHAT TI1-DAC71408RHAT Datasheet
2Mb / 55P
[Old version datasheet]   8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
More results

유사한 설명 - DAC714

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com