전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC714P 데이터시트(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 DAC714P
상세설명  16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC714P 데이터시트(HTML) 7 Page - Burr-Brown (TI)

Back Button DAC714P Datasheet HTML 3Page - Burr-Brown (TI) DAC714P Datasheet HTML 4Page - Burr-Brown (TI) DAC714P Datasheet HTML 5Page - Burr-Brown (TI) DAC714P Datasheet HTML 6Page - Burr-Brown (TI) DAC714P Datasheet HTML 7Page - Burr-Brown (TI) DAC714P Datasheet HTML 8Page - Burr-Brown (TI) DAC714P Datasheet HTML 9Page - Burr-Brown (TI) DAC714P Datasheet HTML 10Page - Burr-Brown (TI) DAC714P Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
®
DAC714
FIGURE 1. DAC714 Block Diagram.
OUTPUT VOLTAGE SWING
The output amplifier of the DAC714 is designed to achieve
a
±10V output range while operating on ±11.4V or higher
power supplies.
GAIN AND OFFSET ADJUSTMENTS
Figure 3 illustrates the relationship of offset and gain adjust-
ments for a bipolar connected D/A converter. Offset should
be adjusted first to avoid interaction of adjustments. See
Table I for calibration values and codes. These adjustments
have a minimum range of
±0.3%.
FIGURE 3. Relationship of Offset and Gain Adjustments.
Offset Adjustment
Apply the digital input code, 8000H, that produces the maxi-
mum negative output voltage and adjust the offset potentiometer
or the offset adjust D/A converter for –10V (or 0V unipolar).
Shift Register
DAC Latch
14
12
+10V
Reference
8
6
7
DCOM
+V
CC
ACOM
V
REF OUT
Gain Adjust
4
SDI
5
SDO
16
2
A
0
3
A
1
1
16
CLK
CLR
15
– V
CC
Offset
Adjust
13
R
BPO
11
R
FB2
10
9
V
OUT
D/A Switches
–V
CC
+2.5V
15k
180
9750
250
10k
10k
FIGURE 2. Equivalent Circuit of Digital Inputs.
1k
ESD Protection Circuit
6.8V
5pF
Digital
Input
–V
CC
+V
CC
+ Full Scale
All Bits
Logic 0
Range of
Offset Adjust
Offset Adj.
Translates
the Line
Digital Input
All Bits
Logic 1
Full Scale
Range
Gain Adjust
Rotates the Line
– Full Scale
MSB on All
Others Off
Bipolar
Offset
Range of
Gain Adjust
≈ ±0.3%
≈ ±0.3%


유사한 부품 번호 - DAC714P

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC714P TI1-DAC714P Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC714PG4 TI1-DAC714PG4 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
More results

유사한 설명 - DAC714P

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com