전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC712UB 데이터시트(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
부품명 DAC712UB
상세설명  16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC712UB 데이터시트(HTML) 11 Page - Burr-Brown (TI)

Back Button DAC712UB Datasheet HTML 4Page - Burr-Brown (TI) DAC712UB Datasheet HTML 5Page - Burr-Brown (TI) DAC712UB Datasheet HTML 6Page - Burr-Brown (TI) DAC712UB Datasheet HTML 7Page - Burr-Brown (TI) DAC712UB Datasheet HTML 8Page - Burr-Brown (TI) DAC712UB Datasheet HTML 9Page - Burr-Brown (TI) DAC712UB Datasheet HTML 10Page - Burr-Brown (TI) DAC712UB Datasheet HTML 11Page - Burr-Brown (TI) DAC712UB Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
®
DAC712
A0 is the enable control for the DATA INPUT LATCH. A1
is the enable for the D/A LATCH. WR is used to strobe data
into latches enabled by A0, and A1. Refer to the block
diagram of Figure 1 and to Timing Diagram on page 3.
CLR sets the INPUT DATA LATCH to all zero and the
D/A LATCH to a code that gives bipolar 0V at the D/A
output.
SINGLE-BUFFERED OPERATION
To operate the DAC712 interface as a single-buffered latch,
the DATA INPUT LATCH is permanently enabled by
connecting A0 to DCOM. If A1 is not used to enable the
D/A, it should be connected to DCOM also. For this mode
of operation, the width of WR will need to be at least 80ns
minimum to pass data through the DATA INPUT LATCH
and into the D/A LATCH.
TRANSPARENT INTERFACE
The digital interface of the DAC712 can be made transpar-
ent by asserting AO, A1, and WR LOW, and asserting CLR
HIGH.
For no external adjustments, pins 4 and 6 are not connected.
External resistors R1 - R4 are standard ±1% values. Range of
adjustment at least
±0.3% FSR.
10k
3
4
6
±10V V
OUT
9.75k
IDAC
0-2mA
≈ +2.5V
15k
R
3
27k
R
4
10k
120
180
R
1
500
R
2
500
5
170
250
Internal
+10V Reference
V
REF OUT
Gain Adjust
Bipolar Offset Adjust
2
ACOM
FIGURE 6. Manual Offset and Gain Adjust Circuits.


유사한 부품 번호 - DAC712UB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC712UB TI1-DAC712UB Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712UB/1K TI1-DAC712UB/1K Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712UB/1KG4 TI1-DAC712UB/1KG4 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712UBG4 TI1-DAC712UBG4 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
More results

유사한 설명 - DAC712UB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com