전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC716PK 데이터시트(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 DAC716PK
상세설명  16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC716PK 데이터시트(HTML) 2 Page - Burr-Brown (TI)

  DAC716PK Datasheet HTML 1Page - Burr-Brown (TI) DAC716PK Datasheet HTML 2Page - Burr-Brown (TI) DAC716PK Datasheet HTML 3Page - Burr-Brown (TI) DAC716PK Datasheet HTML 4Page - Burr-Brown (TI) DAC716PK Datasheet HTML 5Page - Burr-Brown (TI) DAC716PK Datasheet HTML 6Page - Burr-Brown (TI) DAC716PK Datasheet HTML 7Page - Burr-Brown (TI) DAC716PK Datasheet HTML 8Page - Burr-Brown (TI) DAC716PK Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
®
DAC716
SPECIFICATIONS
At TA = +25°C, +VCC = +15V, –VCC = –15V, unless otherwise noted.
StraightBinary
DAC716P, U
DAC716PB, UB
DAC716PK, UK
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
TRANSFER CHARACTERISTICS
ACCURACY
Linearity Error
±4
±2
±2
LSB
TMIN to TMAX
±8
±4
±2
LSB
Differential Linearity Error
±4
±2
±2
LSB
T
MIN to TMAX
±8
±4
±2
LSB
Monotonicity
14
15
15
Bits
Monotonicity Over Spec Temp Range
13
14
15
Bits
Gain Error(3)
±0.1
TT
%
T
MIN to TMAX
±0.25
TT
%
Unipolar Zero Error(3)
±0.1
TT
% of FSR(2)
TMIN to TMAX
±0.2
TT
% of FSR
Power Supply Sensitivity of Gain
±0.003
TT
%FSR/%VCC
±30
TT
ppm FSR/%V
CC
DYNAMIC PERFORMANCE
Settling Time
(to
±0.003%FSR, 5kW || 500pF Load)(4)
20V Output Step
6
10
TT
T
T
µs
1LSB Output Step(5)
4
TT
µs
Output Slew Rate
10
TT
V/
µs
Total Harmonic Distortion
0dB, 1001Hz, fS = 100kHz
0.005
TT
%
–20dB, 1001Hz, fS = 100kHz
0.03
TT
%
–60dB, 1001Hz, f
S = 100kHz
3.0
TT
%
SINAD: 1001Hz, fS = 100kHz
87
TT
dB
Digital Feedthrough(5)
2
TT
nV–s
Digital-to-Analog Glitch Impulse(5)
15
TT
nV–s
Output Noise Voltage (includes reference)
120
TT
nV/
√Hz
ANALOG OUTPUT
Output Voltage Range
+VCC, –VCC = ±11.4V
+10
TT
V
Output Current
±5
TT
mA
Output Impedance
0.1
TT
W
Short Circuit to ACOM Duration
Indefinite
TT
REFERENCE VOLTAGE
Voltage
+9.975
+10.000
+10.025
TTT
TT
T
V
TMIN to TMAX
+9.960
+10.040
TT
T
T
V
Output Resistance
1
TT
W
Source Current
2
TT
mA
Short Circuit to ACOM Duration
Indefinite
TT
INTERFACE
RESOLUTION
16
TT
Bits
DIGITAL INPUTS
Serial Data Input Code
Logic Levels(1)
VIH
+2.0
(VCC –1.4)
TT
T
T
V
VIL
0
+0.8
TT
T
T
V
I
IH (VI = +2.7V)
±10
TT
µA
IIL (VI = +0.4V)
±10
TT
µA
DIGITAL OUTPUT
Serial Data
V
OL (ISINK = 1.6mA)
0
+0.4
TT
T
T
V
VOH (ISOURCE = 500µA),TMIN to TMAX
+2.4
+5
TT
T
T
V
POWER SUPPLY REQUIREMENTS
Voltage
+VCC
+11.4
+15
+16.5
TTT
TT
T
V
–VCC
–11.4
–15
–16.5
TTT
TT
T
V
Current (No Load,
±15V Supplies)(6)
+VCC
13
16
TT
T
T
mA
–VCC
22
26
TT
T
T
mA
Power Dissipation(7)
625
TT
mW
TEMPERATURE RANGES
Specification
All Grades
–40
+85
TT
0
+70
°C
Storage
–60
+150
TT
T
T
°C
Thermal Coefficient,
θ
JA
75
TT
°C/W
T Specifications are the same as the grade to the left.
NOTES: (1) Digital inputs are TTL and +5V CMOS compatible over the specification temperature range. (2) FSR means Full Scale Range. For example, for 0 to +10V output, FSR = 10V. (3) Errors externally
adjustable to zero. (4) Maximum represents the 3
σ limit. Not 100% tested for this parameter. (5) For the worst-case Straight Binary code changes: 7FFF to 8000 and 8000 to 7FFF. (6) During power supply
turn on, the transient supply current may approach 3x the maximum quiescent specification. (7) Typical (i.e. rated) supply voltages times maximum currents.


유사한 부품 번호 - DAC716PK

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC716PK TI1-DAC716PK Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC716PKG4 TI1-DAC716PKG4 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
More results

유사한 설명 - DAC716PK

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com