전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC900 데이터시트(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 DAC900
상세설명  10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC900 데이터시트(HTML) 11 Page - Burr-Brown (TI)

Back Button DAC900 Datasheet HTML 7Page - Burr-Brown (TI) DAC900 Datasheet HTML 8Page - Burr-Brown (TI) DAC900 Datasheet HTML 9Page - Burr-Brown (TI) DAC900 Datasheet HTML 10Page - Burr-Brown (TI) DAC900 Datasheet HTML 11Page - Burr-Brown (TI) DAC900 Datasheet HTML 12Page - Burr-Brown (TI) DAC900 Datasheet HTML 13Page - Burr-Brown (TI) DAC900 Datasheet HTML 14Page - Burr-Brown (TI) DAC900 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
®
DAC900
11
APPLICATION INFORMATION
THEORY OF OPERATION
The architecture of the DAC900 uses the current steering
technique to enable fast switching and a high update rate.
The core element within the monolithic D/A converter is an
array of segmented current sources, which are designed to
deliver a full-scale output current of up to 20mA (see
Figure 1). An internal decoder addresses the differential
current switches each time the DAC is updated and a
corresponding output current is formed by steering all
currents to either output summing node, IOUT or IOUT.
The complementary outputs deliver a differential output
signal, which improves the dynamic performance through
reduction of even-order harmonics, common-mode signals
(noise), and double the peak-to-peak output signal swing by
a factor of two, compared to single-ended operation.
The segmented architecture results in a significant reduc-
tion of the glitch energy, and improves the dynamic perfor-
mance (SFDR) and DNL. The current outputs maintain a
very high output impedance of greater than 200k
Ω.
The full-scale output current is determined by the ratio of
the internal reference voltage (1.24V) and an external
resistor, RSET. The resulting IREF is internally multiplied by
a factor of 32 to produce an effective DAC output current
that can range from 2mA to 20mA, depending on the value
of RSET.
The DAC900 is split into a digital and an analog portion,
each of which is powered through its own supply pin. The
digital section includes edge-triggered input latches and the
decoder logic, while the analog section comprises the cur-
rent source array with its associated switches and the
reference circuitry.
DAC TRANSFER FUNCTION
The total output current, IOUTFS, of the DAC900 is the
summation of the two complementary output currents:
IOUTFS = IOUT + IOUT
(1)
The individual output currents depend on the DAC code and
can be expressed as:
IOUT = IOUTFS • (Code/1024)
(2)
IOUT = IOUTFS • (1023 - Code/1024)
(3)
where ‘Code’ is the decimal representation of the DAC data
input word. Additionally, IOUTFS is a function of the refer-
ence current IREF, which is determined by the reference
voltage and the external setting resistor, RSET.
IOUTFS = 32 • IREF = 32 • VREF/RSET
(4)
In most cases the complementary outputs will drive resistive
loads or a terminated transformer. A signal voltage will
develop at each output according to:
VOUT = IOUT • RLOAD
(5)
VOUT = IOUT • RLOAD
(6)
FIGURE 1. Functional Block Diagram of the DAC900.
PMOS
Current
Source
Array
LSB
Switches
Segmented
MSB
Switches
+1.24V Ref
Latches and Switch
Decoder Logic
10-Bit Data Input
D9...D0
DAC900
Full-Scale
Adjust
Resistor
Ref
Control
Amp
Ref
Buffer
BW
+V
D
+V
A
R
SET
2k
CLK
DGND
Ref
Input
0.1
µF
INT/EXT
I
OUT
I
OUT
BYP
PD
20pF
50
50
20pF
1:1
V
OUT
0.1
µF
400pF
0.1
µF
+3V to +5V
Analog
Bandwidth
Control
+3V to +5V
Digital
FSA
REF
IN
AGND
Analog
Ground
Digital
Ground
Power Down
(internal pull-down)
Clock
Input
NOTE: Supply bypassing not shown.


유사한 부품 번호 - DAC900

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900E TI1-DAC900E Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900E/2K5 TI1-DAC900E/2K5 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results

유사한 설명 - DAC900

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
List of Unclassifed Man...
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com