전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD2531BUO 데이터시트(PDF) 2 Page - LightKey Optoelectronics Ltd.

부품명 LD2531BUO
상세설명  LD2531A/B Series - 0.25 inch Three Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGHTKEY [LightKey Optoelectronics Ltd.]
홈페이지  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD2531BUO 데이터시트(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD2531BUO Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD2531BUO Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD2531BUO Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121509
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.25 inch Three Digit 7 Segment LED Display
Internal Circuit Diagram
LD2531A (Common Cathode)
A
AA
BB
B
CC
C
DD
D
EEE
FF
GGG
F
79
2
3
41
5
10
8
6
DIG. 1
DIG. 2
DIG. 3
LD2531B (Common Anode)
Selection Guide
Three digits 7 Segment LED Display, Digit Height: 6.20mm(0.25inch), External Dimensions:
15.00x8.00x4.00mm (LxWxHmm)
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD2531AR
LD2531BR
GaAlAs
Super Red
640
8
10
8
10
LD2531AD
LD2531BD
GaAlAs
Hi-Red
640
18
25
18
25
LD2531AO
LD2531BO
GaAsP
Orange
625
7
9
7
9
LD2531AY
LD2531BY
GaAsP
Yellow
588
8
10
8
10
LD2531AG
LD2531BG
GaP
Green
568
7
9
7
9
LD2531AUR
LD2531BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD2531AUO
LD2531BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD2531AUA
LD2531BUA
AlGaInP
Ultra Amber
65
30
45
30
45
LD2531AUY
LD2531BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD2531AUG
LD2531BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD2531APG
LD2531BPG
InGaN
Pure Green
525
120
300
120
300
LD2531AUB
LD2531BUB
InGaN
Ultra Blue
470
30
45
30
45
LD2531AUW
LD2531BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


유사한 부품 번호 - LD2531BUO

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
LD2536 WTE-LD2536 Datasheet
31Kb / 2P
   25A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
More results

유사한 설명 - LD2531BUO

제조업체부품명데이터시트상세설명
logo
LightKey Optoelectronic...
LD3031AB LIGHTKEY-LD3031AB Datasheet
203Kb / 3P
   LD3031A/B Series - 0.30 inch Three Digit 7 Segment LED Display
LD5631EF LIGHTKEY-LD5631EF Datasheet
161Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631CD LIGHTKEY-LD5631CD Datasheet
160Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5636AB LIGHTKEY-LD5636AB Datasheet
193Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD8031CD LIGHTKEY-LD8031CD Datasheet
72Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8031AB LIGHTKEY-LD8031AB Datasheet
71Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD8033AB LIGHTKEY-LD8033AB Datasheet
176Kb / 3P
   0.80 inch Three Digit 7 Segment LED Display
LD2541UV LIGHTKEY-LD2541UV Datasheet
174Kb / 3P
   LD2541U/V Series - 0.25 inch dual Digit 7 Segment LED Display
logo
BetLux Electronics
BL-T25A-31 BETLUX-BL-T25A-31 Datasheet
306Kb / 5P
   6.20mm (0.25) Three digit Seven Segment LED display series
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com