전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7499 데이터시트(PDF) 4 Page - Unisonic Technologies

부품명 TDA7499
상세설명  6 6W STEREO AMPLIFIER WITH MUTE AND STAND-BY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7499 데이터시트(HTML) 4 Page - Unisonic Technologies

  TDA7499 Datasheet HTML 1Page - Unisonic Technologies TDA7499 Datasheet HTML 2Page - Unisonic Technologies TDA7499 Datasheet HTML 3Page - Unisonic Technologies TDA7499 Datasheet HTML 4Page - Unisonic Technologies TDA7499 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TDA7499
LINEAR INTEGRATED CIRCUIT
MUTE/STAND-BY FUNCTION
MUTE/STAND-BY function is assembled at pin 5 and to control the amplifier status by two different thresholds,
referred to +VS.
− When Vpin5 higher than = +VS - 2.5V the amplifier is in Stand-by mode and the final stage generators are off
− When Vpin5 is between +VS - 2.5V and +VS - 6V the final stage current generators are switched on and the
amplifier is in mute mode
− When Vpin5 is lower than +VS - 6V the amplifier is play mode.
TYPICAL APPLICATION CIRCUIT
SINGLE SUPPLY APPLICATION
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R107-032.B


유사한 부품 번호 - TDA7499

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7499 STMICROELECTRONICS-TDA7499 Datasheet
70Kb / 7P
   6 6W STEREO AMPLIFIER WITH MUTE & ST-BY
TDA7499SA STMICROELECTRONICS-TDA7499SA Datasheet
156Kb / 11P
   6W6W STEREO AMPLIFIER WITH MUTE & ST-B
More results

유사한 설명 - TDA7499

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7499 STMICROELECTRONICS-TDA7499 Datasheet
70Kb / 7P
   6 6W STEREO AMPLIFIER WITH MUTE & ST-BY
logo
Wuxi Youda electronics ...
YD7265 YOUDA-YD7265 Datasheet
96Kb / 4P
   25W STEREO AMPLIFIER WITH MUTE AND STAND-BY
logo
Unisonic Technologies
TDA7269 UTC-TDA7269_15 Datasheet
244Kb / 7P
   14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7265 UTC-TDA7265_15 Datasheet
294Kb / 9P
   25W STEREO AMPLIFIER WITH MUTE STAND-BY
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
   25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269 Datasheet
244Kb / 7P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
PA9069A UTC-PA9069A_09 Datasheet
234Kb / 8P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269_17 Datasheet
224Kb / 8P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7499SA STMICROELECTRONICS-TDA7499SA Datasheet
156Kb / 11P
   6W6W STEREO AMPLIFIER WITH MUTE & ST-B
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com