전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP9139 데이터시트(PDF) 1 Page - API Technologies Corp

부품명 FP9139
상세설명  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APITECH [API Technologies Corp]
홈페이지  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FP9139 데이터시트(HTML) 1 Page - API Technologies Corp

  FP9139 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point....... +56 dBm (Typ.)
Second Order Two Tone Intercept Point........ +50 dBm (Typ.)
Third Order Two Tone Intercept Point............ +34 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
VSWR
Vdc
+15
+15
m A
90
98 Max.
RF AMPLIFIER
MODEL
TM9139
Available as:
TM9139, 4 Pin TO-8 (T4)
TN9139, 4 Pin Surface Mount (SM3)
FP9139, 4 Pin Flatpack (FP4)
BX9139, Connectrized Housing (H1)
PN9139, Reduced Size Surface Mount (SM11)
Features
!
!
!
!
! High Output Power: +22 dBm Typical
!
!
!
!
!
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Environmental ScreeningAvailable
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10-2000 MHz
10-2000 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
<8
9.5 Max.
VSWR
In
<1.75:1
2.0:1 Max.
Out
<1.75:1
2.0:1 Max.
Reverse
Isolation (dB)
-10.5
-10.0 Max.
Power @ 1 dB
Comp. (dBm)
+22
+19.5 Min.
Gain (dB)
7.5
6.0 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 18 dBm
Short Term RF Input Power .... 200 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
05/12/05
2.0
1.5
1.0
2.0
1.5
1.0
5
9
8
7
6
9
7
5
+26
+24
+22
+20
+18
0
- 5
- 10
- 15
- 20
6
8
Start 10 MHz
Stop 2000 MHz
Start 10 MHz
Stop 2000 MHz
Start 10 MHz
Stop 2000 MHz
Start 10 MHz
Stop 2000 MHz
Start 10 MHz
Stop 2000 MHz
Start 10 MHz
Stop 2000 MHz
Gain (dB)
1 dB Comp. (dBm)
Reverse Isolation (dB)
Input VSWR
Noise Figure (dB)
Output VSWR
High Third Order Intercept: +34 dBm Typical
Linear S-Parameters
FREQ.
– – – – S11– – – –
– – – – S21– – – –
– – – – S12– – – –
– – – – S22– – – –
MHz
Deg
Mag
Deg
Mag
Deg
Mag
Deg
Mag
======================================================================================
10
100
200
400
600
800
1000
1200
1400
1600
1800
2000
.23
.23
.23
.23
.22
.21
.21
.20
.20
.21
.21
.21
-145
180
176
168
161
153
147
139
129
114
91
60
2.42
2.45
2.46
2.46
2.50
2.52
2.54
2.54
2.52
2.50
2.47
2.36
-170
173
163
145
127
109
91
73
54
36
17
-2
.19
.20
.20
.20
.21
.22
.22
.23
.24
.25
.27
.30
13
2
1
1
1
-1
-2
-4
-6
-7
-9
-14
.27
.22
.21
.19
.17
.15
.13
.13
.15
.17
.21
.24
154
162
151
125
95
60
19
-31
-75
-112
-142
-170
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


유사한 부품 번호 - FP9139

제조업체부품명데이터시트상세설명
logo
API Technologies Corp
FP9132 APITECH-FP9132 Datasheet
79Kb / 1P
   RF AMPLIFIER MODEL
FP9133 APITECH-FP9133 Datasheet
82Kb / 1P
   RF AMPLIFIER MODEL
FP9134 APITECH-FP9134 Datasheet
85Kb / 1P
   RF AMPLIFIER MODEL
FP9135 APITECH-FP9135 Datasheet
84Kb / 1P
   RF AMPLIFIER MODEL
FP9136 APITECH-FP9136 Datasheet
86Kb / 1P
   RF AMPLIFIER MODEL
More results

유사한 설명 - FP9139

제조업체부품명데이터시트상세설명
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com