전자부품 데이터시트 검색엔진 |
|
SMAJ15 데이터시트(PDF) 4 Page - Leshan Radio Company |
|
SMAJ15 데이터시트(HTML) 4 Page - Leshan Radio Company |
4 / 11 page 2.Ratings and Characteristic Curves ( TA = 25 °C unless otherwise noted ) SMAJ*** Series Fig. 1-Peak Pulse Power Rating Curve Fig. 2-Pulse Derating Curve Fig. 3-Pulse Waveform Fig. 4-Typical Junction Capacitance Unidirectional Fig. 6-Maximum Non-Repetitive Peak Forward Surge Current Uniderictional 100 10 1.0 0.1 0.1 1.0 10 100 1000 10000 td,Pulse Width,μsec TA,Ambient Temperature,°C 0 25 50 100 125 150 175 200 50 100 150 0 t,Time,ms 0 1.0 2.0 3.0 10000 1000 100 10 1.0 10 100 1000 V(WM),Reverse Stand-off Voltage,Voltage 100 10 1 10 100 Number of Cycles At 60 Hz 125 100 50 0 Non-Repetive Pulse Waveform Shown in Fig.3 TA=25°C tf=10μs Peak Value Ippm Half Value Ipp/2=td TA=25℃ Test Waveform tf=10μs td=1000μs TJ = 25°C f = 1.0 MHz Vsig = 50mVp-p meansured at stand-off voltage VWM TJ = TJ max 8.3ms Single Half Sine-wave (JEDEC Method) 10/1000μs Waveform as deffused by R.E.A SMAJ5.0~78 SMAJ85A~170 Uni-Directional Bi-Directional Fig 5. –typical transient thermal impedance 10 1.0 0.1 100 0.01 0.1 1.0 10 100 t,Pulse duration,sec |
유사한 부품 번호 - SMAJ15 |
|
유사한 설명 - SMAJ15 |