전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ75A 데이터시트(PDF) 6 Page - Leshan Radio Company

부품명 SMAJ75A
상세설명  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SMAJ75A 데이터시트(HTML) 6 Page - Leshan Radio Company

Back Button SMAJ75A Datasheet HTML 2Page - Leshan Radio Company SMAJ75A Datasheet HTML 3Page - Leshan Radio Company SMAJ75A Datasheet HTML 4Page - Leshan Radio Company SMAJ75A Datasheet HTML 5Page - Leshan Radio Company SMAJ75A Datasheet HTML 6Page - Leshan Radio Company SMAJ75A Datasheet HTML 7Page - Leshan Radio Company SMAJ75A Datasheet HTML 8Page - Leshan Radio Company SMAJ75A Datasheet HTML 9Page - Leshan Radio Company SMAJ75A Datasheet HTML 10Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
标题Titile:
1.1 卷装 reel
A.卷盘规格reel spec
单位:mm
A
B
CW
177.0
±2.0
54.0
±0.5
13.0
±0.5
13.2
±0.2
330.0
±2.0
75.0
±0.5
13.0
±0.5
13.2
±0.2
330.0
±2.0
75.0
±0.5
13.0
±0.5
13.5
±0.5
330.0
±2.0
75.0
±0.5
13.0
±0.5
17.0
±0.5
B. 13"卷盘内盒 inner box
单位:mm
A
BC
尺寸
335
±5.0
335
±2.0
40
±1.0
按以上包装方式,产品包装数量:quantity
每盒数量
10K
6K
6K
SMB13"卷盘
SMC13"卷盘
每卷数量
2K
5K
3K
3K
规格
SMA13"卷盘
规格
SMA 7"卷盘
SMA13"卷盘
SMC13"卷盘
SMB13"卷盘
文件编号:
WI-258
塑封生产线SMD产品包装规范
第 3 版
第 0 次修改
2 页
SMD产品通用包装材料规格以及包装产品数量
Packaging specification of SMD
General packaging materials spec. and quantity


유사한 부품 번호 - SMAJ75A

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
SMAJ75A JGD-SMAJ75A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ75A SOCAY-SMAJ75A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ75A LUGUANG-SMAJ75A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMAJ75A SUNMATE-SMAJ75A Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
logo
Socay Electornics Co., ...
SMAJ75A SOCAY-SMAJ75A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

유사한 설명 - SMAJ75A

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com