전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA124SF 데이터시트(PDF) 2 Page - KODENSHI_AUK CORP.

부품명 STA124SF
상세설명  PNP Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STA124SF 데이터시트(HTML) 2 Page - KODENSHI_AUK CORP.

  STA124SF Datasheet HTML 1Page - KODENSHI_AUK CORP. STA124SF Datasheet HTML 2Page - KODENSHI_AUK CORP. STA124SF Datasheet HTML 3Page - KODENSHI_AUK CORP. STA124SF Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KST-2124-001
2
STA124SF
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-15
V
Collector-Emitter voltage
VCEO
-12
V
Emitter-Base voltage
VEBO
-6.5
V
Collector current
IC
-1
A
Collector dissipation
PC*
350
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
* : Package mounted on 99.5% alumina 10
×8×0.1mm
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=-50µA, IE=0
-15
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=-1mA, IB=0
-12
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=-50µA, IC=0
-6.5
-
-
V
Collector cut-off current
ICBO
VCB=-15V, IE=0
-
-
-0.1
µA
Emitter cut-off current
IEBO
VEB=-6V, IC=0
-
-
-0.1
µA
DC current gain
hFE
VCE=-1V, IC=-100mA
200
-
450
-
Collector-Emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
-
-0.2
-0.4
V
Transistor frequency
fT
VCE=-5V, IC=-50mA
-
260
-
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
5
-
pF


유사한 부품 번호 - STA124SF

제조업체부품명데이터시트상세설명
logo
AUK corp
STA124SF AUK-STA124SF Datasheet
125Kb / 3P
   PNP Silicon Transistor
More results

유사한 설명 - STA124SF

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com