전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB1017PI 데이터시트(PDF) 1 Page - KODENSHI_AUK CORP.

부품명 STB1017PI
상세설명  PNP Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STB1017PI 데이터시트(HTML) 1 Page - KODENSHI_AUK CORP.

  STB1017PI Datasheet HTML 1Page - KODENSHI_AUK CORP. STB1017PI Datasheet HTML 2Page - KODENSHI_AUK CORP. STB1017PI Datasheet HTML 3Page - KODENSHI_AUK CORP. STB1017PI Datasheet HTML 4Page - KODENSHI_AUK CORP. STB1017PI Datasheet HTML 5Page - KODENSHI_AUK CORP. STB1017PI Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSD-T0O110-000
1
STB1017PI
PNP Silicon Transistor
PIN Connection
TO-220F-3L
Features
• Low saturation switching application
• Power amplifier
• High Voltage : VCEO=-80V Min.
• Complement to STD1408PI
Ordering Information
Type NO.
Marking
Package Code
STB1017PI
STB1017
TO-220F-3L
Marking Diagram
Absolute maximum ratings
Characteristic
Symbol
Rating
Unit
Collector-Base voltage
VCBO
-80
V
Collector-Emitter voltage
VCEO
-80
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-4
A
ICP*
-8
A(Pulse)
Collector Power dissipation (Tc=25℃)
PC
15
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
* :
Single pulse, tp= 300 ㎲
Characteristic
Symbol
Typ.
Max
Unit
Thermal
resistance
Junction-case
Rth(J-C)
-
8.33
/W
Junction-ambient
Rth(J-a)
-
62.5
1
2
3
AUK
ΔYMDD
SDB20D45
AUK
ΔYMDD
SDB20D45
AUK
△YMDD
STB1017
Column 1 : Manufacturer
Column 2 : Production Information
- △
: Factory Management Code
- YMDD : Date Code (Year, Month, Date)
Column 3 : Device Code


유사한 부품 번호 - STB1017PI

제조업체부품명데이터시트상세설명
logo
Sangdest Microelectroni...
STB10100 SMC-STB10100 Datasheet
166Kb / 8P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STB10100 SMCDIODE-STB10100 Datasheet
442Kb / 7P
   SCHOTTKY RECTIFIER
Rev. B
logo
Sangdest Microelectroni...
STB10100C SMC-STB10100C Datasheet
199Kb / 8P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STB10100C SMCDIODE-STB10100C Datasheet
964Kb / 7P
   SCHOTTKY RECTIFIER
Rev. C
logo
Sangdest Microelectroni...
STB10120 SMC-STB10120 Datasheet
152Kb / 7P
   SCHOTTKY RECTIFIER
More results

유사한 설명 - STB1017PI

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com