전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC401F 데이터시트(PDF) 1 Page - KODENSHI_AUK CORP.

부품명 STC401F
상세설명  NPN Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STC401F 데이터시트(HTML) 1 Page - KODENSHI_AUK CORP.

  STC401F Datasheet HTML 1Page - KODENSHI_AUK CORP. STC401F Datasheet HTML 2Page - KODENSHI_AUK CORP. STC401F Datasheet HTML 3Page - KODENSHI_AUK CORP. STC401F Datasheet HTML 4Page - KODENSHI_AUK CORP. STC401F Datasheet HTML 5Page - KODENSHI_AUK CORP. STC401F Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSD-T5B014-004
1
STC401F
NPN Silicon Transistor
SOT-89
PIN Connection
Descriptions
 General purpose amplifier
 High voltage application
Features
 Low saturation switching application
 Voltage regulator application
 Low saturation: VCE(sat)= 0.4V typ
 High voltage : VCEO=60V Min
Ordering Information
C401: DEVICE CODE, YWW(Y : Year code, WW : Weekly code)
Absolute maximum ratings
(Ta=25
C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
80
V
Collector-Emitter voltage
VCEO
60
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
1
A
Collector dissipation
PC
0.5
W
PC*
1
Junction temperature
Tj
150
C
Storage temperature
Tstg
-55~150
C
Characteristic
Symbol
Typ.
Max
Unit
Thermal resistance
Junction-ambient
Rth(J-A)
-
250.0
/W
Rth(J-A) *
-
125.0
* : When mounted on ceramic substrate(250 ㎟
0.8t)
Type No.
Marking
Package Code
STC401F
C401
YWW
SOT-89


유사한 부품 번호 - STC401F

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
STC401F KODENSHI-STC401F Datasheet
370Kb / 6P
   NPN Silicon Transistor
More results

유사한 설명 - STC401F

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com