전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSW-4876 데이터시트(Datasheet) 4 Page - Level One

부품명 GSW-4876
상세내용  48 Gigabit Ethernet ports and 2 Gigabit SFP slots MLD, Telnet, SNMP V1, V2c & V3, RMON, Web Browser, and TFTP Management
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LVL1 [Level One]
홈페이지  http://www.level1.com/
Logo 

   
 4 page
background image
(RFC821)
SNTP (IPv4/IPv6)
Loop detection and prevention
UPnP
Cable diagnostics
IPv6 management:
- IPv4/IPv6 dual protocol stack
- IPv6 address types: Unicast/multicast
- IPv6 Ping/tracert
- ICMPv6 and ICMPv6 redirect
- IPv6 neighbor discovery
- IPv6 stateless auto config/manual config
- IPv6 Telnet/SNMP/HTTP/DHCP
Performance
Backplane (Gbps):
100Gbps
MAC Address Table:
8K
Data Transfer Rate:
10/100/1000Mbps
Packet Forwarding Rate:
1000Mbps port - 1,488,000pps
100Mbps port - 148,000pps
10Mbps port - 14,880pps
Environment
Temperature (°C):
Operating: 0 ~ 50°C
Storage: -40 ~ 70°C
Humidity (Non-condensing):
Operating: 10 ~ 90%
Storage: 5 ~ 90%
Physical Specifications
Dimensions (W x D x H mm):
440 x 250 x 44 mm
Weight (g):
2980 g
Others
Approval and Compliance:
CE, FCC Part 15 Class A
Deployment:
19-inch rack-mountable
www.level1.com
Page 4 of 6




Html 페이지

1  2  3  4  5  6 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl