전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAR1248FP 데이터시트(PDF) 11 Page - Lineage Power Corporation

부품명 CAR1248FP
상세설명  Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1248FP 데이터시트(HTML) 11 Page - Lineage Power Corporation

Back Button CAR1248FP_14 Datasheet HTML 3Page - Lineage Power Corporation CAR1248FP_14 Datasheet HTML 4Page - Lineage Power Corporation CAR1248FP_14 Datasheet HTML 5Page - Lineage Power Corporation CAR1248FP_14 Datasheet HTML 6Page - Lineage Power Corporation CAR1248FP_14 Datasheet HTML 7Page - Lineage Power Corporation CAR1248FP_14 Datasheet HTML 8Page - Lineage Power Corporation CAR1248FP_14 Datasheet HTML 9Page - Lineage Power Corporation CAR1248FP_14 Datasheet HTML 10Page - Lineage Power Corporation CAR1248FP_14 Datasheet HTML 11Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
GE
Data Sheet
CAR1248FP series rectifier
Input: 90VAC to 264VAC; Output: 48VDC @ 1200W; 5 VDC @ 0.5A
Contact Us
For more information, call us at
USA/Canada:
+1 888 546 3243, or +1 972 244 9288
Asia-Pacific:
+86.021.54279977*808
Europe, Middle-East and Africa:
+49.89.878067-280
India:
+91.80.28411633
www.ge.com/powerelectronics
February 26, 2013
©2013 General Electric Company. All rights reserved.
Page 11
Ordering Information
Please contact your GE Energy Sales Representative for pricing, availability and optional features.
PRODUCT
DESCRIPTION
PART NUMBER
1200W Front-End
+48VOUT Front-End, 5VSTDBY,
CAR1248FPXXXZ01A
1200W Front-End
+48VOUT Front-End, 5VSTDBY, w/bezel
CAR1248FPBXXZ01A
1200W Front-End
+48VOUT Front-End, 5VSTDBY , w/bezel, i2c communications
CAR1248FPBCXZ01A
PART NUMBER DEFINITION GUIDE EXAMPLE
CAR
12
48
FP
x
x
x
Z
01 A
RTM
RoHS
Blank – non compliant
Y – 5 of 6 compliant
Z – 6 of 6 compliant
Options
B – bezel
C – i2c option
R – reverse airflow
Vsb – 3 or 5
Power
12 = 1200W
Output voltage
48 = 48Vdc
Type
FP – AC; Vo-positive
TN – AC; Vo-negative
DC - DC
TE – AC; high efficiency
A – Standard
model


유사한 부품 번호 - CAR1248FP_14

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
CAR1248FP-1A LINEAGEPOWER-CAR1248FP-1A Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
More results

유사한 설명 - CAR1248FP_14

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
CAR1248TN LINEAGEPOWER-CAR1248TN_14 Datasheet
266Kb / 8P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR2024FP LINEAGEPOWER-CAR2024FP_14 Datasheet
261Kb / 7P
   Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
CAR2012TE LINEAGEPOWER-CAR2012TE Datasheet
444Kb / 20P
   Universal input with PFC Constant power characteristic 2 front panel LEDs: 1-input;2
CAR1612FP LINEAGEPOWER-CAR1612FP_14 Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2521 NJRC-NJM2521 Datasheet
127Kb / 3P
   3-INPUT 1-OUTPUT AUDIO SWITCH?
logo
Mitsumi Electronics, Co...
MM1238 MITSUMI-MM1238 Datasheet
91Kb / 6P
   3-Input 2-Output 3-Circuit Video Switch
logo
HITRON ELECTRONICS CORP...
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com