전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAR2012TEBXXZ01A 데이터시트(PDF) 10 Page - Lineage Power Corporation

부품명 CAR2012TEBXXZ01A
상세설명  Universal input with PFC Constant power characteristic 2 front panel LEDs: 1-input;2
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2012TEBXXZ01A 데이터시트(HTML) 10 Page - Lineage Power Corporation

Back Button CAR2012TEBXXZ01A Datasheet HTML 6Page - Lineage Power Corporation CAR2012TEBXXZ01A Datasheet HTML 7Page - Lineage Power Corporation CAR2012TEBXXZ01A Datasheet HTML 8Page - Lineage Power Corporation CAR2012TEBXXZ01A Datasheet HTML 9Page - Lineage Power Corporation CAR2012TEBXXZ01A Datasheet HTML 10Page - Lineage Power Corporation CAR2012TEBXXZ01A Datasheet HTML 11Page - Lineage Power Corporation CAR2012TEBXXZ01A Datasheet HTML 12Page - Lineage Power Corporation CAR2012TEBXXZ01A Datasheet HTML 13Page - Lineage Power Corporation CAR2012TEBXXZ01A Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
GE
Data Sheet
CAR2012TE series rectifier
Input: 85Vac to 264Vac; Output: 12 Vdc @ 2000W; 3.3Vdc or 5 Vdc @ 4A
February 9, 2014
©2013 General Electric Company. All rights reserved.
Page 10
The signal will be triggered for any state change whether a
‘warning’ or a ‘fault’, including the following conditions;
VIN under or over voltage
Vout under or over voltage
IOUT over current
Over Temperature
Fan Failure
Communication error
PEC error
Invalid command
Detected internal faults
The power supply will clear the SMBusAlert# signal (release
the signal to its HI state) upon the following events:
Receiving a CLEAR_FAULTS command
Input power and bias power to the processor is recycled
The power supply will clear the SMBusAlert# signal (release
the signal to its HI state) for operational alarms (but not
communications alarms that require a clear_faults signal
from the controller that it received the alert) upon the
following events:
The main output recycled (turned OFF and then ON) via
the Remote_ON/OFF or INTERLOCK signal pins
The main output recycled (turned OFF and then ON) by
the OPERATION command
Standard instruction: Up to two bytes of data may follow an
instruction depending on the required data content. Analog
data is always transmitted as LSB followed by MSB. PEC is
optional and includes the address and data fields.
1
8
1
8
1
S
Slave address
Wr
A
Command Code
A
8
1
8
1
8
1
1
Low data byte
A
High data byte
A
PEC
A
P
Master to Slave
Slave to Master
SMBUS annotations; S – Start , Wr – Write, Sr – re-Start, Rd
– Read,
A – Acknowledge, NA – not-acknowledged, P – Stop
Standard READ: Up to two bytes of data may follow a READ
request depending on the required data content. Analog
data is always transmitted as LSB followed by MSB. PEC is
mandatory and includes the address and data fields
.
1
7
1
1
8
1
S
Slave address
Wr
A
Command Code
A
1
7
1
1
8
1
Sr
Slave Address
Rd
A
LSB
A
8
1
8
1
1
MSB
A
PEC
No-ack
P
Block communications: When writing or reading more than
two bytes of data at a time BLOCK instructions for WRITE and
READ commands are used instead of the Standard
Instructions above to write or read any number of bytes
greater than two.
Block write format:
1
7
1
1
8
1
S
Slave address
Wr
A
Command Code
A
8
1
8
1
8
1
Byte count = N
A
Data 1
A Data 2
A
8
1
8
1
8
1
1
……….
A
Data N ≤ 48
A
PEC
A
P
Block read format:
1
7
1
1
8
1
S
Slave address
Wr
A
Command Code
A
1
7
1
1
Sr
Slave Address
Rd
A
8
1
8
1
8
1
Byte count = N
A
Data 1
A Data 2
A
8
1
8
1
8
1
1
……….
A
Data N ≤ 48
A
PEC
NoAck
P
An example of the block_read instruction is the
Read_std_parameters (D0h) command. This ‘manufacturer
specific’ command returns STATUS and ALARM register data,
output voltage, output current, and internal temperature in a
single read string.
1
8
1
8
1
S
Slave address
Wr
A Command Code
A
1
8
1
8
1
Sr
Slave address
Rd
A
Byte count = 11
A
8
1
8
1
8
1
Status-2
A
Status-1
A
Alarm-2
A
8
1
8
1
8
1
Alarm-1
A
Voltage LSB
A
Voltage MSB
A
8
1
8
1
Current LSB
A
Current MSB
A
8
1
8
1
8
1
1
Temperature LSB
A
Temperature MSB
A PEC NA
P
Linear Data Format The definition is identical to Part II of the
PMBus Specification. All standard PMBus values, with the
exception of output voltage related functions, are
represented by the linear format described below Output
voltage functions are represented by a 16 bit mantissa. The
value of the exponent for output voltage functions is listed in
the Vout_mode command.


유사한 부품 번호 - CAR2012TEBXXZ01A

제조업체부품명데이터시트상세설명
logo
Riedon Powertron
CAR2010 RIEDON-CAR2010 Datasheet
251Kb / 1P
   Thin Film Precisionion Chip Resistor
CAR2010 RIEDON-CAR2010 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
CAR2010 RIEDON-CAR2010 Datasheet
145Kb / 3P
   CAR Series
More results

유사한 설명 - CAR2012TEBXXZ01A

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
CAR1248TN LINEAGEPOWER-CAR1248TN_14 Datasheet
266Kb / 8P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR1248FP LINEAGEPOWER-CAR1248FP_14 Datasheet
264Kb / 11P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR2024FP LINEAGEPOWER-CAR2024FP_14 Datasheet
261Kb / 7P
   Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
CAR1612FP LINEAGEPOWER-CAR1612FP_14 Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
logo
HITRON ELECTRONICS CORP...
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP252G HITRON-HEMP252G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP250G HITRON-HEMP250G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP150G HITRON-HEMP150G Datasheet
54Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HIMP151 HITRON-HIMP151_11 Datasheet
997Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HVP300 HITRON-HVP300 Datasheet
131Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com