전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAR2012TEBX5Z01A 데이터시트(PDF) 5 Page - Lineage Power Corporation

부품명 CAR2012TEBX5Z01A
상세설명  Universal input with PFC Constant power characteristic 2 front panel LEDs: 1-input;2
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2012TEBX5Z01A 데이터시트(HTML) 5 Page - Lineage Power Corporation

  CAR2012TEBX5Z01A Datasheet HTML 1Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 2Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 3Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 4Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 5Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 6Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 7Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 8Page - Lineage Power Corporation CAR2012TEBX5Z01A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
GE
Data Sheet
CAR2012TE series rectifier
Input: 85Vac to 264Vac; Output: 12 Vdc @ 2000W; 3.3Vdc or 5 Vdc @ 4A
February 9, 2014
©2013 General Electric Company. All rights reserved.
Page 5
Feature Specifications (continued)
Parameter
Symbol
Min
Typ
Max
Unit
SMBAlert# (Interrupt) (must be pulled up externally to Stndby)
Logic High (No Alert - normal)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (Alert is set)
IOL
4
mA
VOL
0
0.4
VDC
Output current monitor (Imon)
Resolution
18
mV/A
Measurement range
IO
0
167
ADC
Measurement accuracy, load > 25% of FL, VO = 12VDC
-4
+4
%
Analog output range
Vmon
0
3.3
VDC
Sourced output current
IO
5
mADC
Digital Interface Specifications
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
PMBus Signal Interface Characteristics
Input Logic High Voltage (CLK, DATA)
VIH
0.7VDD
3.6
V
Input Logic Low Voltage (CLK, DATA)
VIL
0
0.8
V
Input high sourced current (CLK, DATA)
IIH
0
10
μA
Output Low sink Voltage (CLK, DATA, SMBALERT#)
IO=5mA
VOL
0.4
V
Output Low sink current (CLK, DATA, SMBALERT#)
IOL
5
mA
Output High open drain leakage current (CLK,DATA,
SMBALERT#)
VO=3.6V
IOH
0
10
μA
PMBus Operating frequency range
FPMB
10
400
kHz
Measurement System Characteristics
Clock stretching
tSTRETCH
25
ms
IOUT measurement range
Linear mode
IRNG
0
167
A
IOUT measurement accuracy 25°C
IACC
-5
+5
%
VOUT measurement range
Linear mode
VOUT(rng)
0
14
V
VOUT measurement accuracy
VOUT(acc)
-5
+5
%
Temp measurement range
Linear mode
Temp(rng)
0
125
C
Temp measurement accuracy3
Temp(acc)
-5
+5
%
IIN measurement range
Linear mode
IIN(rng)
0
18
Arms
IIN measurement accuracy
IIN(acc)
-5
+5
%
VIN measurement range
Linear mode
VIN(rng)
0
300
Vrms
VIN measurement accuracy
VIN(acc)
-5
+5
%
PIN measurement range
Linear mode
PN(rng)
0
3000
W
PIN measurement accuracy
PIN(acc)
-5
+5
%
Fan Speed measurement range
Linear mode
0
30k
RPM
Fan Speed measurement accuracy
-10
10
%
Fan speed control range
Linear mode
0
100
%
3
Temperature accuracy reduces non-linearly with decreasing temperature


유사한 부품 번호 - CAR2012TEBX5Z01A

제조업체부품명데이터시트상세설명
logo
Riedon Powertron
CAR2010 RIEDON-CAR2010 Datasheet
251Kb / 1P
   Thin Film Precisionion Chip Resistor
CAR2010 RIEDON-CAR2010 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
CAR2010 RIEDON-CAR2010 Datasheet
145Kb / 3P
   CAR Series
More results

유사한 설명 - CAR2012TEBX5Z01A

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
CAR1248TN LINEAGEPOWER-CAR1248TN_14 Datasheet
266Kb / 8P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR1248FP LINEAGEPOWER-CAR1248FP_14 Datasheet
264Kb / 11P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR2024FP LINEAGEPOWER-CAR2024FP_14 Datasheet
261Kb / 7P
   Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
CAR1612FP LINEAGEPOWER-CAR1612FP_14 Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
logo
HITRON ELECTRONICS CORP...
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP252G HITRON-HEMP252G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP250G HITRON-HEMP250G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP150G HITRON-HEMP150G Datasheet
54Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HIMP151 HITRON-HIMP151_11 Datasheet
997Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HVP300 HITRON-HVP300 Datasheet
131Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com