전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAR2548FP 데이터시트(PDF) 7 Page - Lineage Power Corporation

부품명 CAR2548FP
상세설명  90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2548FP 데이터시트(HTML) 7 Page - Lineage Power Corporation

Back Button CAR2548FP_14 Datasheet HTML 3Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 4Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 5Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 6Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 7Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 8Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 9Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 10Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
GE
Data Sheet
CAR0812DC series dc-dc converter
Input: -36Vdc to -75Vdc; Output: +12 Vdc @ 850W; 3.3Vdc or 5 Vdc @ 1A
March 28, 2013
©2013 General Electric Company. All rights reserved.
Page 7
Control and Status
Control hierarchy: Some features, such as output voltage,
can be controlled both through hardware and firmware. For
example, the output voltage is controlled both by the signal
pin (Vprog) and the PMBus command, (Vout_command) .
Using output voltage as an example; the Vprog signal pin has
ultimate control of the output voltage until the Vprog is either
> 3Vdc or a no connect. When the programming signal via
Vprog is either a no connect or > 3Vdc, it is ignored, the
output voltage is set at its nominal 12Vdc and the unit output
voltage can be controlled via the PMBus command,
(Vout_command).
Analog controls: Details of analog controls are provided in
this data sheet under Signal Definitions.
Common ground: All signals and outputs are referenced to
Output return. These include ‘Vstb return’ and ‘Signal return’.
Control Signals
Voltage programming (Vprog): An analog voltage on this
signal can vary the output voltage ± 10% from 43.2Vdc to
52.8Vdc. The equation of this signal is:
Vout = 43.2 + 3.3 (Vprog – 0.09) 0.09 < Vprog < 3
If Vprog is > 3V or left open the programming signal is ignored
and the unit output is set at the setpoint of 48Vdc.
Load share (Ishare): This is a single wire analog signal that is
generated and acted upon automatically by power supplies
connected in parallel. The Ishare pins should be tied together
for power supplies if active current share among the power
supplies is desired. No resistors or capacitors should get
connected to this pin.
Remote_ON/OFF: Controls presence of the 12Vdc output
voltage. This is an open collector, TTL level control signal that
needs to be pulled HI externally through a resistor.
A turn OFF command either through this signal (Remote
ON/OFF) or firmware commanded would turn OFF the 12V
output.
Enable: This is a short signal pin that controls the presence of
the 12Vdc main output. This pin should be connected to
‘output return’ on the system side of the output connector.
The purpose of this pin is to ensure that the output turns ON
after engagement of the power blades and turns OFF prior to
disengagement of the power blades.
Write protect (WP): This signal protects the contents of the
EEPROM from accidental over writing. When left open the
EEPROM is write protected. A LO (TTL compatible) permits
writing to the EEPROM. This signal is pulled HI internally by the
power supply.
Status signals
Output current monitor (Imon):
A voltage level proportional
to the delivered output current is present on this pin. The
signal level is 0. 1V per amp ± 0.25V.
AC OK:
A TTL compatible status signal representing whether
the input voltage is within the anticipated range. This signal is
internally pulled HI to 3.3V via a 10kΩ resistor. A (HI) on this
signal indicates that the input voltage is applied within the
specified input range.
DC OK:
A TTL compatible status signal representing
whether the output voltage is present. This signal is internally
pulled HI to 3.3V via a 10kΩ resistor. A (HI) on this signal
indicates that the output voltage is present.
Over temp warning:
A TTL compatible status signal
representing whether an over temperature exists. This signal
needs to be pulled HI externally through a resistor. Open
collector (HI) on this signal indicates that temperatures are
normal.
If an over temperature should occur, this signal would pull LO
for approximately 10 seconds prior to shutting down the
power supply. The unit would restart if internal temperatures
recover within normal operational levels. At that time the
signal reverts back to its open collector (HI) state.
Fault:
A TTL compatible status signal representing whether
a Fault occurred. This signal needs to be pulled HI externally
through a resistor. Open collector (HI) on this signal indicates
that no Fault is present.
This signal activates for OTP, OVP, OCP, AC fault or No output.
PS Present:
This pin is connected to ‘output return’ within
the power supply. Its intent is to indicate to the system that a
power supply is present. This signal may need to be pulled HI
externally through a resistor.
Interrupt (SMBAlert#):
A TTL compatible status signal,
representing the SMBusAlert# feature of the PMBus
compatible i2C protocol in the power supply. This signal needs
to be pulled HI externally through a resistor.
Serial Bus Communications
The I²C interface facilitates the monitoring and control of
various operating parameters within the unit and transmits
these on demand over an industry standard I²C Serial bus.
All signals are referenced to ‘Signal Return’.
Device addressing: The microcontroller (MCU) and the
EEPROM have the following addresses:
Device
Address
Address Bit Assignments
(Most to Least Significant)
MCU
0xBx
1
0
1
1
A2 A1 A0 R/W
Broadcast
0x00
0
0
0
0
0
0
0
0
EEPROM
0xAx
1
0
1
0
A2 A1 A0 R/W
The Global Broadcast instruction executes a simultaneous
write instruction to all power supplies. A read instruction
cannot be accessed globally. The three programmable
address bits are the same for all I2C accessible devices within
the power supply.
Address lines (A2, A1, A0): These signal pins allow up to eight
(8) modules to be addressed on a single I²C bus. The pins are
pulled HI internal to the power supply. For a logic LO these
pins should be connected to ‘Output Return’
Serial Clock (SCL): The clock pulses on this line are generated
by the host that initiates communications across the I²C
Serial bus. This signal is pulled up internally to 3.3V by a 10kΩ


유사한 부품 번호 - CAR2548FP_14

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
CAR2548FP-1A LINEAGEPOWER-CAR2548FP-1A Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
More results

유사한 설명 - CAR2548FP_14

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
CAR2548DC LINEAGEPOWER-CAR2548DC_14 Datasheet
302Kb / 15P
   -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR2512TE LINEAGEPOWER-CAR2512TE Datasheet
303Kb / 15P
   90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
logo
Lineage Power Corporati...
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
JRCW450U LINEAGEPOWER-JRCW450U Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
logo
AIMTEC
AME3-CJZ AIMTEC-AME3-CJZ Datasheet
159Kb / 3P
   Input: 85-264VAC, 47-63Hz, or 100-370 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com