전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAR2548FP 데이터시트(PDF) 1 Page - Lineage Power Corporation

부품명 CAR2548FP
상세설명  90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2548FP 데이터시트(HTML) 1 Page - Lineage Power Corporation

  CAR2548FP_14 Datasheet HTML 1Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 2Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 3Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 4Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 5Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 6Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 7Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 8Page - Lineage Power Corporation CAR2548FP_14 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
GE
Data Sheet
March 28, 2013
©2013 General Electric Company. All rights reserved.
CAR2548FP series rectifier
Input: 90Vac to 264Vac; Output: 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
Features
Universal input with PFC
Constant power characteristic
3 front panel LEDs: 1-input;2-output; 3 - fault
Remote ON/OFF control of the 48Vdc output
Remote sense on the 48Vdc output
No minimum load requirements
Redundant parallel operation
Active load sharing (single wire)
Hot Plug-ability
Efficiency: typically 92% @ 50% load
Standby orderable either as 3.3Vdc or 5Vdc
Auto recoverable OC & OT protection
Operating temperature: -10 - 70C (de-rated above 50C)
Digital status & control: I2C and PMBus serial bus
EN/IEC/UL60950-1 2nd edition; UL, CSA and VDE
EMI: class B FCC docket 20780 part 15, EN55022
Meets EN6100 immunity and transient standards
Shock & vibration: NEBS GR-63-CORE, level 3
Applications
48Vdc distributed power architectures
Cellular Base Stations
Blade Servers
Network/ATE Equipment
Network Attached Storage
Telecom Access Nodes
Routers/Switches
Description
The CAR2548FP series of Front-End rectifiers provide highly efficient isolated power from worldwide input mains in a
compact 1U industry standard form factor in an unprecedented power density of 27W/in3. These rectifiers
complement the CAR2548DC converter, providing comprehensive solutions for systems connected either to
commercial ac mains, 48/60Vdc power plants or telecom central offices. This plug and play approach offers
significant advantages since systems can be reconfigured and repositioned readily by simply replacing the power
supply. The high-density, front-to-back airflow is designed for minimal space utilization and is highly expandable for
future growth. The industry standard PMBus compliant I2C communications buss offers a full range of control and
monitoring capabilities. The SMBusAlert signal pin alerts customers automatically of any state change within the
power supply.
*
UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
§
Intended for integration into end-user equipment. All the required procedures for CE marking of end-user equipment should be followed. (The CE mark is placed on selected products.)
**
ISO is a registered trademark of the International Organization of Standards.
+
PMBus name and logo are registered trademarks of the System Management Interface Forum (SMIF)


유사한 부품 번호 - CAR2548FP_14

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
CAR2548FP-1A LINEAGEPOWER-CAR2548FP-1A Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
More results

유사한 설명 - CAR2548FP_14

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
CAR2548DC LINEAGEPOWER-CAR2548DC_14 Datasheet
302Kb / 15P
   -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR2512TE LINEAGEPOWER-CAR2512TE Datasheet
303Kb / 15P
   90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
logo
Lineage Power Corporati...
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
JRCW450U LINEAGEPOWER-JRCW450U Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
logo
AIMTEC
AME3-CJZ AIMTEC-AME3-CJZ Datasheet
159Kb / 3P
   Input: 85-264VAC, 47-63Hz, or 100-370 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com