전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSTW005A0F 데이터시트(PDF) 9 Page - Lineage Power Corporation

부품명 SSTW005A0F
상세설명  36-75Vdc Input; 3.3Vdc, 5A, 15W Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SSTW005A0F 데이터시트(HTML) 9 Page - Lineage Power Corporation

Back Button SSTW005A0F Datasheet HTML 5Page - Lineage Power Corporation SSTW005A0F Datasheet HTML 6Page - Lineage Power Corporation SSTW005A0F Datasheet HTML 7Page - Lineage Power Corporation SSTW005A0F Datasheet HTML 8Page - Lineage Power Corporation SSTW005A0F Datasheet HTML 9Page - Lineage Power Corporation SSTW005A0F Datasheet HTML 10Page - Lineage Power Corporation SSTW005A0F Datasheet HTML 11Page - Lineage Power Corporation SSTW005A0F Datasheet HTML 12Page - Lineage Power Corporation SSTW005A0F Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
G
S
3
a
3
C
P
P
d
d
E
F
c
F
F
F
p
L
T
u
c
m
c
m
p
F
s
GE
SSTW00
36-75Vdc In
March 26, 2013
ambient tempe
3m/s (600 ft./m
Curves section.
Please refer to t
Process For Op
detailed discuss
device tempera
EMC Requir
Figure 16 show
conducted emis
Figure 16. Sugg
Ref
C1 , C
C4,
L
L
Figure 17. EMC
For further info
please refer to t
Layout Con
The SSTW powe
used in fine pitc
component clea
module and the
copper areas o
module. Also a
power module.
For additional la
sheet.
5A0F Ba
nput; 3.3Vd
erature (TA) for n
min) are shown
the Application
en-Frame Boa
sion of therma
atures.
rements
ws a maximum
ssion limits of E
gested Configu
Des
C2, C3
C5
1
2
C signature usi
rmation on des
the FLTR100V1
nsideration
er module serie
ch system card
arance betwee
e mounting bo
n the outer lay
void placing vi
ayout guide-lin
rracuda
dc, 5A, 15W
©
natural convec
in the respectiv
n Note “Therma
rd-Mounted Po
al aspects inclu
filter configura
EN55022 Class
uration for EN
2
3
4m
10
ing above filte
signing for EMC
10 data sheet (
ns
es are low prof
d architectures
en the bottom
ard is limited. A
yer directly und
a interconnect
nes, refer to the
™ Series
W Output
©2012 General E
ction and up to
ve Characteris
al Characteriza
ower Modules”
ding maximum
ation to meet th
s B.
55022 Class B
Filter
.2uF/100V
33nF Y cap
mH CM choke
uH inductor
er, SSTWA.
C compliance,
FDS01-043EPS
file in order to b
s. As such,
of the power
Avoid placing
derneath the po
ts underneath
e FLTR100V10
s; DC-DC
lectric Company
o
tics
ation
” for a
m
he
B.
S).
be
ower
the
data
The S
Thro
Thr
The
SAC
com
singl
RoHS
free
3C/
that
210
260
Hole
solde
proc
cons
Sur
Pick
The S
open
asse
The S
mag
Note
Figu
Z Pla
The ‘
nom
Noz
The
fram
whe
Varia
plac
proc
The
oper
will s
6.5m
C Convert
y. All rights reserv
SSTW family of
ough-Hole (TH)
ough-Hole S
RoHS-complia
(Sn/Ag/Cu) Pb-
ponents. They
le or dual wave
S-compliant fin
wave soldering
/s is suggested
the temperatu
C. For Pb sold
C, while the Pb
e module is also
ering. Refer to
cess details. If a
sult with your G
rface Moun
k and Place
SSTW-SR serie
n-frame constr
embly within a
SSTW-SR serie
gnetic compone
e: All dimension
re 18. Pick and
ane Height
‘Z’ plane heigh
minal with an RS
zzle Recomme
module weight
me construction
n compared w
ables such as n
ement speed s
cess.
minimum reco
ration is 5mm.
safely fit within
mm.
ter Powe
ved.
f power modul
or Surface Mo
Soldering In
nt (Z codes) thr
-free solder an
y are designed
e soldering ma
nish that is com
g processes. A
. The wave pre
ure of the powe
er, the recomm
b-free solder po
o compatible w
the Reflow Sol
additional info
GE representat
nt Informat
s of DC-to-DC
ruction and are
fully automate
s modules are
ent surface to
ns in mm [in].
d Place Locatio
t of the pick an
SS tolerance of
endations
t has been kep
n. Even so, they
with convention
nozzle size, tip
should be cons
ommended noz
The maximum
n the allowable
Data Sh
er Modu
es is available
unt (SMT) solde
nformation
rough-hole pro
d RoHS-compl
to be processe
achines. The pi
mpatible with b
maximum pre
eheat process
er module boa
mended pot tem
ot is 270C ma
with paste-in-h
dering Informa
rmation is nee
ive for more de
tion
power convert
e designed for
ed manufacturi
designed to us
allow for pick a
on.
nd place locatio
f +/-0.25 mm.
pt to a minimum
y have a relativ
nal SMT compo
style, vacuum
sidered to optim
zzle diameter fo
m nozzle outer d
component sp
heet
les
Page
for either
ering.
oducts use the
iant
ed through
ns have an
both Pb and Pb
eheat rate of
should be such
rd is kept below
mperature is
ax. The Throug
ole reflow
ation section fo
ded, please
etails.
ters use an
surface mount
ing process.
se the main
and place.
on is 7.50mm
m by using ope
vely large mas
nents.
pressure and
mize this
or reliable
diameter, whic
pacing, is
e 9
b-
h
w
h
or
t
en
ss
h


유사한 부품 번호 - SSTW005A0F

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW001A3B41SRZ LINEAGEPOWER-SSTW001A3B41SRZ Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW001A3B41Z LINEAGEPOWER-SSTW001A3B41Z Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW003A0A41SRZ LINEAGEPOWER-SSTW003A0A41SRZ Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
More results

유사한 설명 - SSTW005A0F

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com