전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSTW005A0F 데이터시트(PDF) 10 Page - Lineage Power Corporation

부품명 SSTW005A0F
상세설명  36-75Vdc Input; 3.3Vdc, 5A, 15W Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SSTW005A0F 데이터시트(HTML) 10 Page - Lineage Power Corporation

Back Button SSTW005A0F Datasheet HTML 6Page - Lineage Power Corporation SSTW005A0F Datasheet HTML 7Page - Lineage Power Corporation SSTW005A0F Datasheet HTML 8Page - Lineage Power Corporation SSTW005A0F Datasheet HTML 9Page - Lineage Power Corporation SSTW005A0F Datasheet HTML 10Page - Lineage Power Corporation SSTW005A0F Datasheet HTML 11Page - Lineage Power Corporation SSTW005A0F Datasheet HTML 12Page - Lineage Power Corporation SSTW005A0F Datasheet HTML 13Page - Lineage Power Corporation SSTW005A0F Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
GE
Data Sheet
SSTW005A0F Barracuda™ Series; DC-DC Converter Power Modules
36-75Vdc Input; 3.3Vdc, 5A, 15W Output
March 26, 2013
©2012 General Electric Company. All rights reserved.
Page 10
Oblong or oval nozzles up to 11 x 6 mm may also be used
within the space available.
For further information please contact your local GE Technical
Sales Representative.
Reflow Soldering Information
These power modules are large mass, low thermal
resistance devices and typically heat up slower than other
SMT components. It is recommended that the customer
review data sheets in order to customize the solder reflow
profile for each application board assembly.
The following instructions must be observed when SMT
soldering these units. Failure to observe these instructions
may result in the failure of or cause damage to the modules,
and can adversely affect long-term reliability.
There are several types of SMT reflow technologies currently
used in the industry. These surface mount power modules
can be reliably soldered using natural forced convection, IR
(radiant infrared), or a combination of convection/IR. The
recommended linear reflow profile using Sn/Pb solder is
shown in Figure 19 and 20. For reliable soldering the solder
reflow profile should be established by accurately
measuring the modules CP connector temperatures.
REFLOW TIME (S)
Figure 19. Recommended Reflow Profile for Sn/Pb solder.
TIME LIMIT (S)
Figure 20. Time Limit, Tlim, Curve Above 205oC Reflow .
Lead Free Soldering
The –Z version SMT modules of the SSTW series are lead-free
(Pb-free) and RoHS compliant and are compatible in a Pb-free
soldering process. Failure to observe the instructions below
may result in the failure of or cause damage to the modules
and can adversely affect long-term reliability.
Figure 21. Recommended linear reflow profile using
Sn/Ag/Cu solder.
MSL Rating
The SSTW001A3B series SMT modules have a MSL rating of 2a.
0
50
100
150
200
250
300
P reheat zo ne
max 4oCs-1
So ak zo ne
30-240s
Heat zo ne
max 4oCs-1
P eak Temp 235oC
Cooling
zo ne
1-4oCs-1
T
lim above
205oC
200
205
210
215
220
225
230
235
240
0
10
203040
5060
Pe r J-STD-020 Rev. C
0
50
100
150
200
250
300
Reflow Time (Seconds)
He ating Zone
1°C/Second
Pe ak Te mp 260°C
* Min. Time Above 235°C
15 Se conds
*Time Above 217°C
60 Seconds
Cooling
Zone


유사한 부품 번호 - SSTW005A0F

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW001A3B41SRZ LINEAGEPOWER-SSTW001A3B41SRZ Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW001A3B41Z LINEAGEPOWER-SSTW001A3B41Z Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW003A0A41SRZ LINEAGEPOWER-SSTW003A0A41SRZ Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
More results

유사한 설명 - SSTW005A0F

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com