전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSTW005A0F41SRZ 데이터시트(PDF) 4 Page - Lineage Power Corporation

부품명 SSTW005A0F41SRZ
상세설명  36-75Vdc Input; 3.3Vdc, 5A, 15W Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SSTW005A0F41SRZ 데이터시트(HTML) 4 Page - Lineage Power Corporation

  SSTW005A0F41SRZ Datasheet HTML 1Page - Lineage Power Corporation SSTW005A0F41SRZ Datasheet HTML 2Page - Lineage Power Corporation SSTW005A0F41SRZ Datasheet HTML 3Page - Lineage Power Corporation SSTW005A0F41SRZ Datasheet HTML 4Page - Lineage Power Corporation SSTW005A0F41SRZ Datasheet HTML 5Page - Lineage Power Corporation SSTW005A0F41SRZ Datasheet HTML 6Page - Lineage Power Corporation SSTW005A0F41SRZ Datasheet HTML 7Page - Lineage Power Corporation SSTW005A0F41SRZ Datasheet HTML 8Page - Lineage Power Corporation SSTW005A0F41SRZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
GE
Data Sheet
SSTW005A0F Barracuda™ Series; DC-DC Converter Power Modules
36-75Vdc Input; 3.3Vdc, 5A, 15W Output
March 26, 2013
©2012 General Electric Company. All rights reserved.
Page 4
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. See
Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to VIN- terminal)
Negative Logic: device code suffix “1”
Logic Low = module On, Logic High = module Off
Positive Logic: No device code suffix required
Logic Low = module Off, Logic High = module On
Logic Low - Remote On/Off Current (Von/off = -0.7Vdc)
All
Ion/off
0.15
mA
Logic Low - On/Off Voltage
All
Von/off
-0.7
0.8
Vdc
Logic High Voltage (Ion/off = 0Adc)
All
Von/off
2.0
18
Vdc
Logic High maximum allowable leakage current
All
Ion/off
25
μA
Turn-On Delay and Rise Times
(IO=80% of IO, max, TA=25°C)
Case 1: Input power is applied for at least 1second, and then the
On/Off input is set from OFF to ON (Tdelay = on/off pin transition until
VO = 10% of VO, set)
All
Tdelay
Case1
10
20
ms
Case 2: On/Off input is set to Module ON, and then input power is
applied (Tdelay = VIN reaches VIN, min until VO = 10% of VO,set)
All
Tdelay
Case2
10
20
ms
Output voltage Rise time (time for Vo to rise from 10%
of Vo,set to 90% of Vo, set)
All
Trise
5
10
ms
Output Voltage Overshoot
3
% VO, set
(IO=80% of IO, max, VIN= 48Vdc, TA=25°C)
Output Overvoltage Protection
All
VO, limit
4.0
6.5
Vdc
Input Undervoltage Lockout
Turn-on Threshold
All
Vuv/on
34
36
Vdc
Turn-off Threshold
All
Vuv/off
30
32
Vdc
Hysterisis
All
Vhyst
2.0
Vdc


유사한 부품 번호 - SSTW005A0F41SRZ

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW001A3B41SRZ LINEAGEPOWER-SSTW001A3B41SRZ Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW001A3B41Z LINEAGEPOWER-SSTW001A3B41Z Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW003A0A41SRZ LINEAGEPOWER-SSTW003A0A41SRZ Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
More results

유사한 설명 - SSTW005A0F41SRZ

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com