전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCCE-017X501 데이터시트(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

부품명 LCCE-017X501
상세설명  AC Input 90~305Vac SCP / OTP / OVP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINKCOM [LinkCom Manufacturing Co., Ltd.]
홈페이지  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCE-017X501 데이터시트(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCCE-017X501 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCE-017X501 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
(6)Line regulation measured from 100VAC to 277VAC.
(7)Preset accuracy measured at normal load, 120VAC input.
(8)100% Production Tested.
Reference
◆ High Operating ambient Temp: -20℃ ~ +60℃
CE EN55015 / FCC Part15
COLD START 5A @ 230VAC
0.4A/110VAC
◆ Comply with Indoor/Outdoor Waterproof (IP 67)
◆ Dimension(L*W*H): 95 * 40 * 25 mm
min.
95 * 40 * 25 mm 【3.74 * 1.57 * 0.98 inch】
UL 60950-1
The SCP will restart automaticalty after the fault condition is removed.
0.03% / ℃ (0-50℃, typ)
◆ Power Factor: >0.95@115VAC
LCCE-017 501
◆ ROHS Compliant
◆ Safety: UL
◆ EMC: CE / FCC
10
0.5
◆ Dimension(L*W*H): 3.74 * 1.57 * 0.98 inch
<0.7mA/264VAC
Range:47-63Hz, Normal:50-60Hz
(5)Minimum load is NOT required for proper operation .
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, @20MHz bandwidth.
(4)Specified for free-air convection cooling.
STORAGE TEMPERATURE
OVER V, PROTECTION
EMI
TEMP. COEFFICIENT
OPERATING TEMP.*(4)
SAFETY
RELATIVE HUMIDITY
DIMENSIONS(L*W*H)
OVER TEMP. PROTECTION
INPUT FREQUENCY
FEATURES
PRESET ACCURACY (%) *(7)
O/P NOISE (P-P, V) *(3)
*(8)
Module : LCCE-017 501
◆ AC Input 90~305Vac
◆ Protection: SCP / OTP / OVP
-40 to +80℃
10 to +90%
3000ms at full load 115VAC/230VAC
82%
3.5
10
90-305VAC, 127-431VDC, Normal:100-277VAC
SHORT CIRCUIT PROTECTION
DC OUTPUT POWER
INRUSH CURRENT (typ)
AC CURRENT
EFFICIENCY(typ @Full Load)
TURN ON DELAY TIME
LEAKAGE CURRENT
INPUT VOLTAGE RANGE
DC OUTPUT VOLTAGE (V)
LINE REGULATION (%) *(6)
OUTPUT CURRENT(A) *(5)
Model NO.
Part NO.
Constant Current Power Supply
95 * 40 * 25 mm 【3.74 * 1.57 * 0.98 inch】
LCCE-017 501
PLCCE0017 501
Model Name
SIZE
norm.
max.
36
18 W
The power will derate on the current limit.
The OVP is latched shutdown mode.
-20 to +60℃@full load
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


유사한 부품 번호 - LCCE-017X501

제조업체부품명데이터시트상세설명
logo
LinkCom Manufacturing C...
LCCE-017X112 LINKCOM-LCCE-017X112 Datasheet
258Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-017X122 LINKCOM-LCCE-017X122 Datasheet
270Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-017X142 LINKCOM-LCCE-017X142 Datasheet
270Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-017X351 LINKCOM-LCCE-017X351 Datasheet
106Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
LCCE-017X701 LINKCOM-LCCE-017X701 Datasheet
236Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
More results

유사한 설명 - LCCE-017X501

제조업체부품명데이터시트상세설명
logo
LinkCom Manufacturing C...
LCCE-045X152 LINKCOM-LCCE-045X152 Datasheet
180Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-100X480 LINKCOM-LCCH-100X480 Datasheet
143Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
LCCE-017X351 LINKCOM-LCCE-017X351 Datasheet
106Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
LCCH-080X120 LINKCOM-LCCH-080X120 Datasheet
169Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-080X240 LINKCOM-LCCH-080X240 Datasheet
169Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-045X132 LINKCOM-LCCE-045X132 Datasheet
203Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-100U360 LINKCOM-LCCH-100U360 Datasheet
147Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-013X721 LINKCOM-LCCE-013X721 Datasheet
113Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-052X132 LINKCOM-LCCE-052X132 Datasheet
180Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-060X142 LINKCOM-LCCE-060X142 Datasheet
156Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com