전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCCS-040X342 데이터시트(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

부품명 LCCS-040X342
상세설명  AC Input 100~240Vac SCP / OTP / OVP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINKCOM [LinkCom Manufacturing Co., Ltd.]
홈페이지  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCS-040X342 데이터시트(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  LCCS-040X342 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCS-040X342 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LinkCom Manufacturing Co., Ltd
Model NO.
Part NO.
Constant Current Power Supply
95mm * 70mm * 32mm
LCCS-040 342
PLCCS0040 342
Model Name
SIZE
Ver B
Reference
Dimensions
www.linkcom.com.tw For more information, please contact with :sales@linkcom.com.tw


유사한 부품 번호 - LCCS-040X342

제조업체부품명데이터시트상세설명
logo
LinkCom Manufacturing C...
LCCS-040X112 LINKCOM-LCCS-040X112 Datasheet
73Kb / 2P
   AC Input 100~240Vac SCP / OTP / OVP
LCCS-040X142 LINKCOM-LCCS-040X142 Datasheet
73Kb / 2P
   AC Input 100~240Vac SCP / OTP / OVP
LCCS-040X172 LINKCOM-LCCS-040X172 Datasheet
110Kb / 2P
   AC Input 90~264Vac SCP / OTP / OVP
More results

유사한 설명 - LCCS-040X342

제조업체부품명데이터시트상세설명
logo
LinkCom Manufacturing C...
BPHE005C701 LINKCOM-BPHE005C701_14 Datasheet
242Kb / 2P
   AC Input 100~240Vac SCP / OTP / OVP
LCCS-040X112 LINKCOM-LCCS-040X112 Datasheet
73Kb / 2P
   AC Input 100~240Vac SCP / OTP / OVP
BPHE010C351 LINKCOM-BPHE010C351_14 Datasheet
247Kb / 2P
   AC Input 100~240Vac SCP / OTP / OVP
LCCS-040X142 LINKCOM-LCCS-040X142 Datasheet
73Kb / 2P
   AC Input 100~240Vac SCP / OTP / OVP
BPHE005C351 LINKCOM-BPHE005C351_14 Datasheet
262Kb / 2P
   AC Input 100~240Vac SCP / OTP / OVP
BPHE010C701 LINKCOM-BPHE010C701_14 Datasheet
254Kb / 2P
   AC Input 100~240Vac SCP / OTP / OVP
LCCH-100X120 LINKCOM-LCCH-100X120 Datasheet
444Kb / 2P
   AC Input 100~277Vac OVP / OTP / SCP
LCCE-013X501 LINKCOM-LCCE-013X501 Datasheet
264Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-017X701 LINKCOM-LCCE-017X701 Datasheet
236Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-013X112 LINKCOM-LCCE-013X112 Datasheet
270Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com