전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBJ10C 데이터시트(PDF) 4 Page - Bytes

부품명 SMBJ10C
상세설명  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BYTES [Bytes]
홈페이지  
Logo BYTES - Bytes

SMBJ10C 데이터시트(HTML) 4 Page - Bytes

  SMBJ10C Datasheet HTML 1Page - Bytes SMBJ10C Datasheet HTML 2Page - Bytes SMBJ10C Datasheet HTML 3Page - Bytes SMBJ10C Datasheet HTML 4Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PART NUMBER REVERSE BREAKDOWN BREAKDOWN
TEST
MAXIMUM
PEAK
REVERSE
MARKING
ADD C FOR BI- STAND-OFF
VOLTAGE
VOLTAGE
CURRENT
CLAMPING
PULSE
LEAKAGE
CODE
DIRECTIONAL
VOLTAGE
VBR (V)
VBR (V)
IT
VOLTAGE
CURRENT @ VRWM
See Note 1
VRWM (V)
MIN. @IT
MAX. @IT
(mA)
@Ipp Vc (V)
Ipp (A)
IR( A)
UNI
BI
µ
SMBJ60(C)
60
66.7
84.5
1
107
5.6
5
NH
DH
SMBJ160(C)
160
178
226.0
1
287
2.1
5
PN
EN
SMBJ130(C)
130
144
182.5
1
231
2.6
5
PH
EH
SMBJ110(C)
110
154.5
1
196
3.0
5
PD
ED
122
SMBJ90(C)
90
100
126.5
1
160
3.8
5
NW
DW
SMBJ78(C)
78
86.7
109.8
1
139
4.3
5
NS
DS
SMBJ70(C)
70
77.8
98.6
1
125
4.8
5
NN
DN
SMBJ60(C)A
60
66.7
76.7
1
96.8
6.2
5
NK
DK
SMBJ160(C)A
160
178
205.0
1
259
2.3
5
PP
EP
SMBJ130(C)A
130
144
165.5
1
209
2.9
5
PK
EK
SMBJ110(C)A
110
122
140.5
1
177
3.4
5
PE
EE
SMBJ90(C)A
90
100
115.5
1
146
4.1
5
NX
DX
SMBJ78(C)A
78
86.7
99.7
1
126
4.7
5
NT
DT
SMBJ70(C)A
70
77.8
89.5
1
113
5.3
5
NP
DP
SMBJ64(C)A
64
71.1
81.8
1
103
5.8
5
NM
DM
SMBJ170(C)A
170
189
217.5
1
275
2.2
5
PR
ER
SMBJ150(C)A
150
167
192.5
1
243
2.5
5
PM
EM
SMBJ120(C)A
120
133
153.0
1
193
3.1
5
PG
EG
SMBJ100(C)A
100
111
128.0
1
162
3.7
5
NZ
DZ
SMBJ85(C)A
85
94.4
108.2
1
137
4.4
5
NV
DV
SMBJ75(C)A
75
83.3
95.8
1
121
4.9
5
NR
DR
SMBJ64(C)
64
71.1
90.1
1
114
5.3
5
NL
DL
SMBJ170(C)
160
189
239.5
1
304
2.0
5
PQ
EQ
SMBJ150(C)
150
167
211.5
1
268
2.2
5
PL
EL
SMBJ120(C)
120
169.0
1
214
2.8
5
PF
EF
133
SMBJ100(C)
100
111
141.0
1
179
3.4
5
NY
DY
SMBJ85(C)
85
94.4
119.2
1
151
3.9
5
NU
DU
SMBJ75(C)
75
83.3
105.7
1
134
4.5
5
NQ
DQ
600 Watt Surface Mount TVS


유사한 부품 번호 - SMBJ10C

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SMBJ10C EIC-SMBJ10C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ10C SOCAY-SMBJ10C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ10C MCC-SMBJ10C Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
logo
Socay Electornics Co., ...
SMBJ10C SOCAY-SMBJ10C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMBJ10C LITTELFUSE-SMBJ10C Datasheet
326Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
More results

유사한 설명 - SMBJ10C

제조업체부품명데이터시트상세설명
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com