전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST16C554CQ64 데이터시트(PDF) 6 Page - Exar Corporation

부품명 ST16C554CQ64
상세설명  2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554CQ64 데이터시트(HTML) 6 Page - Exar Corporation

Back Button ST16C554CQ64 Datasheet HTML 2Page - Exar Corporation ST16C554CQ64 Datasheet HTML 3Page - Exar Corporation ST16C554CQ64 Datasheet HTML 4Page - Exar Corporation ST16C554CQ64 Datasheet HTML 5Page - Exar Corporation ST16C554CQ64 Datasheet HTML 6Page - Exar Corporation ST16C554CQ64 Datasheet HTML 7Page - Exar Corporation ST16C554CQ64 Datasheet HTML 8Page - Exar Corporation ST16C554CQ64 Datasheet HTML 9Page - Exar Corporation ST16C554CQ64 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
ST16C554/554D
6
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
REV. 4.0.1
1.0
PRODUCT DESCRIPTION
The ST16C554 (554) integrates the functions of 4 enhanced 16C550 Universal Asynchrounous Receiver and
Transmitter (UART). Each UART is independently controlled and has its own set of device configuration
registers. The configuration registers set is 16550 UART compatible for control, status and data transfer.
Additionally, each UART channel has 16 bytes of transmit and receive FIFOs, programmable baud rate
generator and data rate up to 1.5 Mbps at 5V. The ST16C554 can operate from 2.97 to 5.5 volts. The 554 is
fabricated with an advanced CMOS process.
Enhanced FIFO
The 554 QUART provides a solution that supports 16 bytes of transmit and receive FIFO memory, instead of
one byte in the ST16C454. The 554 is designed to work with high performance data communication systems,
that require fast data processing time. Increased performance is realized in the 554 by the larger transmit and
receive FIFOs and Receiver FIFO trigger level control. This allows the external processor to handle more
networking tasks within a given time. This increases the service interval giving the external CPU additional time
for other applications and reducing the overall UART interrupt servicing time.
Data Bus Interface, Intel or Motorola Type
The 554 provides a single host interface for all 4 UARTs and supports Intel or Motorola microprocessor (CPU)
data bus interface. The Intel bus compatible interface allows direct interconnect to Intel compatible type of
CPUs using IOR#, IOW# and CSA#, CSB#, CSC# and CSD# inputs for data bus operation. The Motorola bus
compatible interface instead uses the R/W#, CS#, A3 and A4 signals for data bus transactions. Few data bus
interface signals change their functions depending on user’s selection, see pin description for details. The Intel
and Motorola bus interface selection is made through the 16/68# (pin 31 of the PLCC package).
Data Rate
The 554 is capable of operation up to 1.5 Mbps at 5V. The device can operate at 5V with a crystal or external
clock of up to 24 MHz. With a typical crystal of 14.7456 MHz and through a software option, the user can set
the sampling rate for data rates of up to 921.6 Kbps.
Enhanced Features
The rich feature set of the 554 is available through the internal registers. Selectable receive FIFO trigger levels,
programmable baud rates, infrared encoder/decoder interface and modem interface controls are all standard
features. In the 16 mode INTSEL and MCR bit-3 can be configured to provide a software controlled or
continuous interrupt capability. For backward compatibility to the ST16C554, the 64-pin LQFP does not have
the INTSEL pin. Instead, two different LQFP packages are offered.
The ST16C554DIV operates in the
continuous interrupt enable mode by internally bonding INTSEL to VCC.
The ST16C554IV operates in
conjunction with MCR bit-3 by internally bonding INTSEL to GND.


유사한 부품 번호 - ST16C554CQ64

제조업체부품명데이터시트상세설명
logo
Exar Corporation
ST16C554CQ64 EXAR-ST16C554CQ64 Datasheet
518Kb / 40P
   QUAD UART WITH 16-BYTE FIFOS
ST16C554CQ64 EXAR-ST16C554CQ64 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results

유사한 설명 - ST16C554CQ64

제조업체부품명데이터시트상세설명
logo
Exar Corporation
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com