전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7507TRPBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF7507TRPBF
상세설명  Generation V Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7507TRPBF 데이터시트(HTML) 2 Page - International Rectifier

  IRF7507TRPBF Datasheet HTML 1Page - International Rectifier IRF7507TRPBF Datasheet HTML 2Page - International Rectifier IRF7507TRPBF Datasheet HTML 3Page - International Rectifier IRF7507TRPBF Datasheet HTML 4Page - International Rectifier IRF7507TRPBF Datasheet HTML 5Page - International Rectifier IRF7507TRPBF Datasheet HTML 6Page - International Rectifier IRF7507TRPBF Datasheet HTML 7Page - International Rectifier IRF7507TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7507PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
N-Ch 20
VGS = 0V, ID = 250µA
P-Ch -20
VGS = 0V, ID = -250µA
N-Ch — 0.041 —
Reference to 25°C, ID = 1mA
P-Ch — -0.012 —
Reference to 25°C, ID = -1mA
— 0.085 0.14
VGS = 4.5V, ID = 1.7A ƒ
— 0.120 0.20
VGS = 2.7V, ID = 0.85A ƒ
0.17 0.27
VGS = -4.5V, ID =-1.2Aƒ
0.28 0.40
VGS = -2.7V, ID =-0.6A ƒ
N-Ch 0.7
VDS = VGS, ID = 250µA
P-Ch -0.7
VDS = VGS, ID = -250µA
N-Ch 2.6
VDS = 10V, ID = 0.85A ƒ
P-Ch 1.3
VDS = -10V, ID = -0.6Aƒ
N-Ch —
1.0
VDS = 16 V, VGS = 0V
P-Ch —
-1.0
VDS = -16V, VGS = 0V
N-Ch —
25
VDS = 16 V, VGS = 0V, TJ = 125°C
P-Ch —
-25
VDS = -16V, VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Forward Leakage
N-P
––
— ±100
VGS = ± 12V
N-Ch ––
5.3
8.0
P-Ch —
5.4
8.2
N-Ch –– 0.84 1.3
P-Ch —
0.96 1.4
N-Ch ––
2.2
3.3
P-Ch —
2.4
3.6
N-Ch —
5.7
P-Ch —
9.1
N-Ch —
24
P-Ch —
35
N-Ch —
15
P-Ch —
38
N-Ch —
16
P-Ch —
43
N-Ch —
260
P-Ch —
240
N-Ch —
130
pF
P-Ch —
130
N-Ch —
61
P-Ch —
64
V(BR)DSS
Drain-to-Source Breakdown Voltage
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
RDS(ON)
Static Drain-to-Source On-Resistance
VGS(th)
Gate Threshold Voltage
gfs
Forward Transconductance
IDSS
Drain-to-Source Leakage Current
Qg
Total Gate Charge
Qgs
Gate-to-Source Charge
Qgd
Gate-to-Drain ("Miller") Charge
td(on)
Turn-On Delay Time
tr
Rise Time
td(off)
Turn-Off Delay Time
tf
Fall Time
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 21 )
Notes:
‚ N-Channel ISD ≤ 1.7A, di/dt ≤ 66A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
P-Channel ISD
-1.2A, di/dt ≤ 100A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
Parameter
Min. Typ. Max. Units
Conditions
N-Ch —
1.25
P-Ch —
— -1.25
N-Ch —
19
P-Ch —
-14
N-Ch —
1.2
TJ = 25°C, IS = 1.7A, VGS = 0V ƒ
P-Ch —
-1.2
TJ = 25°C, IS = -1.2A, VGS = 0V ƒ
N-Ch —
39
59
P-Ch —
52
78
N-Ch —
37
56
P-Ch —
63
95
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Source-Drain Ratings and Characteristics
V
V/°C
V
S
µA
nC
ns
N-Channel
ID = 1.7A, VDS = 16V, VGS = 4.5V
„
P-Channel
ID = -1.2A, VDS = -16V, VGS = -4.5V
N-Channel
VDD = 10V, ID = 1.7A, RG = 6.0Ω,
RD = 5.7Ω
„
P-Channel
VDD = -10V, ID = -1.2A, RG = 6.0Ω,
RD = 8.3Ω
N-Channel
VGS = 0V, VDS = 15V, ƒ = 1.0MHz
ƒ
P-Channel
VGS = 0V, VDS = -15V, ƒ = 1.0MHz
N-Ch
P-Ch
IS
Continuous Source Current (Body Diode)
ISM
Pulsed Source Current (Body Diode) 
VSD
Diode Forward Voltage
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
A
V
ns
nC
N-Channel
TJ = 25°C, IF = 1.7A, di/dt = 100A/µs
P-Channel
ƒ
TJ = 25°C, IF = -1.2A, di/dt = -100A/µs
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
„ Surface mounted on FR-4 board, t ≤ 10sec.


유사한 부품 번호 - IRF7507TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7507 IRF-IRF7507 Datasheet
216Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7507PBF IRF-IRF7507PBF Datasheet
214Kb / 8P
   HEXFET짰Power MOSFET
IRF7507PBF IRF-IRF7507PBF Datasheet
219Kb / 8P
   Ultra Low On-Resistance
IRF7507PBF IRF-IRF7507PBF_15 Datasheet
219Kb / 8P
   Ultra Low On-Resistance
More results

유사한 설명 - IRF7507TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com