전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

80-M012PNB008SC-K619C41 데이터시트(PDF) 10 Page - Vincotech

부품명 80-M012PNB008SC-K619C41
상세설명  Solderless interconnection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VINCOTECH [Vincotech]
홈페이지  http://www.vincotech.com
Logo VINCOTECH - Vincotech

80-M012PNB008SC-K619C41 데이터시트(HTML) 10 Page - Vincotech

Back Button 80-M012PNB008SC-K619C41 Datasheet HTML 6Page - Vincotech 80-M012PNB008SC-K619C41 Datasheet HTML 7Page - Vincotech 80-M012PNB008SC-K619C41 Datasheet HTML 8Page - Vincotech 80-M012PNB008SC-K619C41 Datasheet HTML 9Page - Vincotech 80-M012PNB008SC-K619C41 Datasheet HTML 10Page - Vincotech 80-M012PNB008SC-K619C41 Datasheet HTML 11Page - Vincotech 80-M012PNB008SC-K619C41 Datasheet HTML 12Page - Vincotech 80-M012PNB008SC-K619C41 Datasheet HTML 13Page - Vincotech 80-M012PNB008SC-K619C41 Datasheet HTML 14Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
80-M012PNB008SC-K619C41
preliminary datasheet
Figure 25
Output inverter IGBT
Figure 26
Output inverter IGBT
Safe operating area as a function
Gate voltage vs Gate charge
of collector-emitter voltage
IC = f(VCE)VGE = f(QGE)
D =
single pulse
IC =
8A
Th =
80
ºC
VGE =
±15
V
Tj =Tjmax
ºC
Figure 27
Output inverter IGBT
Figure 28
Output inverter IGBT
Short circuit withstand time as a function of
Typical short circuit collector current as a function of
gate-emitter voltage
gate-emitter voltage
tsc = f(VGE)Isc = f(VGE)
VCE =
1200
V
VCE
1200
V
Tj
175
ºC
Tj =
175
ºC
Output Inverter
V CE (V)
10
3
10
0
10
4
10
1
10
2
10
1
10
2
10uS
100uS
1mS
10mS
100mS
DC
10
0
10
3
0
2
4
6
8
10
12
14
16
18
20
0
10
2030
4050
6070
Q g (nC)
240V
960V
0
2,5
5
7,5
10
12,5
15
17,5
12
13
14
15
16
17
18
19
20
V GE (V)
0
25
50
75
100
125
150
175
200
225
250
12
13
14
15
16
17
18
19
20
V GE (V)
copyright Vincotech
10
Revision: 1


유사한 부품 번호 - 80-M012PNB008SC-K619C41

제조업체부품명데이터시트상세설명
logo
Vincotech
80-M012PNB008SB-K619C41 VINCOTECH-80-M012PNB008SB-K619C41 Datasheet
74Kb / 3P
   Output Inverter Application
More results

유사한 설명 - 80-M012PNB008SC-K619C41

제조업체부품명데이터시트상세설명
logo
Vincotech
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
   Solderless interconnection
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
V23990-K220-A40-P1-14 VINCOTECH-V23990-K220-A40-P1-14 Datasheet
511Kb / 22P
   Solderless interconnection
V23990-K229-A41-D3-14 VINCOTECH-V23990-K229-A41-D3-14 Datasheet
393Kb / 22P
   Solderless interconnection
V23990-K420-A40-P1-14 VINCOTECH-V23990-K420-A40-P1-14 Datasheet
458Kb / 22P
   Solderless interconnection
80-M006PNB006SA-K614C VINCOTECH-80-M006PNB006SA-K614C Datasheet
313Kb / 17P
   Solderless interconnection
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
80-M006PNB010SA-K615 VINCOTECH-80-M006PNB010SA-K615 Datasheet
939Kb / 17P
   Solderless interconnection
V23990-K229-A40-P3-14 VINCOTECH-V23990-K229-A40-P3-14 Datasheet
481Kb / 22P
   Solderless interconnection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com