전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQPF11N40CT 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FQPF11N40CT
상세설명  N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF11N40CT 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FQPF11N40CT Datasheet HTML 1Page - Fairchild Semiconductor FQPF11N40CT Datasheet HTML 2Page - Fairchild Semiconductor FQPF11N40CT Datasheet HTML 3Page - Fairchild Semiconductor FQPF11N40CT Datasheet HTML 4Page - Fairchild Semiconductor FQPF11N40CT Datasheet HTML 5Page - Fairchild Semiconductor FQPF11N40CT Datasheet HTML 6Page - Fairchild Semiconductor FQPF11N40CT Datasheet HTML 7Page - Fairchild Semiconductor FQPF11N40CT Datasheet HTML 8Page - Fairchild Semiconductor FQPF11N40CT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2003 Fairchild Semiconductor Corporation
FQP11N40C / FQPF11N40C Rev. C1
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
Bottom: 4.5 V
Notes :
1. 250μs Pulse Test
2. T
C = 25°C
V
DS, Drain-Source Voltage [V]
24
68
10
10
-1
10
0
10
1
150°C
25°C
-55°C
Notes :
1. V
DS = 40V
2. 250μs Pulse Test
V
GS, Gate-Source Voltage [V]
0
5
10
15
20
25
30
35
40
0.5
1.0
1.5
2.0
V
GS = 20V
V
GS = 10V
Note : T
J = 25°C
I
D, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150°C
Notes :
1. V
GS = 0V
2. 250μs Pulse Test
25°C
V
SD, Source-Drain voltage [V]
10
-1
10
0
10
1
0
200
400
600
800
1000
1200
1400
1600
1800
2000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
25
30
0
2
4
6
8
10
12
V
DS = 250V
V
DS = 100V
V
DS = 400V
Note : I
D = 10.5A
Q
G, Total Gate Charge [nC]


유사한 부품 번호 - FQPF11N40CT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQPF11N40C FAIRCHILD-FQPF11N40C Datasheet
709Kb / 10P
   FQP11N40C / FQPF11N40C N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
logo
Inchange Semiconductor ...
FQPF11N40C ISC-FQPF11N40C Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF11N40C FAIRCHILD-FQPF11N40C_08 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
More results

유사한 설명 - FQPF11N40CT

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB11N40CTM FAIRCHILD-FQB11N40CTM Datasheet
977Kb / 8P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQP11N40C FAIRCHILD-FQP11N40C Datasheet
709Kb / 10P
   FQP11N40C / FQPF11N40C N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQU8P10TU FAIRCHILD-FQU8P10TU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -100 V, -6.6 A, 530 m廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQD10N20LTM FAIRCHILD-FQD10N20LTM Datasheet
765Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 7.6 A, 360 m廓
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
FQD4P40TM FAIRCHILD-FQD4P40TM Datasheet
917Kb / 8P
   P-Channel QFET짰 MOSFET -400 V, -2.7 A, 3.1 廓
FQB50N06LTM FAIRCHILD-FQB50N06LTM Datasheet
836Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com