전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6709S2TR1PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF6709S2TR1PBF
상세설명  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6709S2TR1PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF6709S2TR1PBF Datasheet HTML 1Page - International Rectifier IRF6709S2TR1PBF Datasheet HTML 2Page - International Rectifier IRF6709S2TR1PBF Datasheet HTML 3Page - International Rectifier IRF6709S2TR1PBF Datasheet HTML 4Page - International Rectifier IRF6709S2TR1PBF Datasheet HTML 5Page - International Rectifier IRF6709S2TR1PBF Datasheet HTML 6Page - International Rectifier IRF6709S2TR1PBF Datasheet HTML 7Page - International Rectifier IRF6709S2TR1PBF Datasheet HTML 8Page - International Rectifier IRF6709S2TR1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
04/07/09
IRF6709S2TRPbF
IRF6709S2TR1PbF
DirectFET
™ Power MOSFET ‚
Applicable DirectFET Outline and Substrate Outline

Typical values (unless otherwise specified)
DirectFET
™ ISOMETRIC
S1
l RoHS Compliant and Halogen Free

l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible

l Ultra Low Package Inductance
l Optimized for High Frequency Switching

l Ideal for CPU Core DC-DC Converters
l Optimized for Control FET Application

l Compatible with existing Surface Mount Techniques

l 100% Rg tested
Description
The IRF6709S2TRPbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to
achieve improved performance in a package that has the footprint of a MICRO-8 and only 0.7 mm profile. The DirectFET package is
compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection
soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET pack-
age allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6709S2TRPbF has low charge along with ultra low package inductance providing significant reduction in switching losses. The
reduced losses make this product ideal for high efficiency DC-DC converters that power the latest generation of processors operating at
higher frequencies. The IRF6709S2TRPbF has been optimized for the control FET socket of synchronous buck operating from 12 volt bus
converters.
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Typical Total Gate Charge vs Gate-to-Source Voltage
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 1.02mH, RG = 25Ω, IAS = 10A.
Notes:
S1
S2
SB
M2
M4
L4
L6
L8
0
2
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
0
10
20
30
ID = 12A
TJ = 25°C
TJ = 125°C
02468
10 12 14 16 18 20
QG Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 20V
VDS= 13V
ID= 10A
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
8.1nC
2.8nC
1.1nC
9.3nC
4.6nC
1.8V
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V e
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
51
Max.
9.7
39
100
±20
25
12
10
VDSS
VGS
RDS(on)
RDS(on)
25V max ±20V max 5.9m
Ω@10V 10.1mΩ@4.5V
PD - 97328A


유사한 부품 번호 - IRF6709S2TR1PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6709S2TRPBF IRF-IRF6709S2TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com