전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7738L2PBF 데이터시트(PDF) 10 Page - International Rectifier

부품명 IRF7738L2PBF
상세설명  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7738L2PBF 데이터시트(HTML) 10 Page - International Rectifier

Back Button IRF7738L2PBF Datasheet HTML 2Page - International Rectifier IRF7738L2PBF Datasheet HTML 3Page - International Rectifier IRF7738L2PBF Datasheet HTML 4Page - International Rectifier IRF7738L2PBF Datasheet HTML 5Page - International Rectifier IRF7738L2PBF Datasheet HTML 6Page - International Rectifier IRF7738L2PBF Datasheet HTML 7Page - International Rectifier IRF7738L2PBF Datasheet HTML 8Page - International Rectifier IRF7738L2PBF Datasheet HTML 9Page - International Rectifier IRF7738L2PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRF7738L2PbF
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 13, 2014
10
MSL1
(per JEDEC J-STD-020D†††)
RoHS Compliant
Qualification Information
Qualification level
Industrial
††
(per JEDEC JESD47F††† guidelines)
Yes
Moisture Sensitivity Level
DFET2
Comments: This family of products has passed JEDEC’s Industrial
qualification. IR’s Consumer qualification level is granted by extension of the
higher Industrial level.
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
†† Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET® Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
Notes:
† Starting TJ = 25°C, L = 0.022mH, RG = 50Ω, IAS = 109A.
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
ˆ Used double sided cooling, mounting pad with large heatsink.
‰ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Š Rθ is measured at TJ of approximately 90°C.
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
Date
Comments
2/12/2014 •
Updated ordering information to reflect the End-Of-life (EOL) of the mini-reel option (EOL notice #264).
• Updated data sheet with new IR corporate template.
Revision History


유사한 부품 번호 - IRF7738L2PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7737L2PBF IRF-IRF7737L2PBF Datasheet
629Kb / 10P
   Advanced Process Technology
IRF7737L2TR1PBF IRF-IRF7737L2TR1PBF Datasheet
629Kb / 10P
   DirectFETPower MOSFET
IRF7737L2TR1PBF IRF-IRF7737L2TR1PBF Datasheet
629Kb / 10P
   Advanced Process Technology
IRF7737L2TRPBF IRF-IRF7737L2TRPBF Datasheet
629Kb / 10P
   DirectFETPower MOSFET
IRF7739L1PBF IRF-IRF7739L1PBF Datasheet
278Kb / 10P
   DirectFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com