전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF8327STRPBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF8327STRPBF
상세설명  DirectFETPower MOSFET 
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF8327STRPBF 데이터시트(HTML) 2 Page - International Rectifier

  IRF8327STRPBF Datasheet HTML 1Page - International Rectifier IRF8327STRPBF Datasheet HTML 2Page - International Rectifier IRF8327STRPBF Datasheet HTML 3Page - International Rectifier IRF8327STRPBF Datasheet HTML 4Page - International Rectifier IRF8327STRPBF Datasheet HTML 5Page - International Rectifier IRF8327STRPBF Datasheet HTML 6Page - International Rectifier IRF8327STRPBF Datasheet HTML 7Page - International Rectifier IRF8327STRPBF Datasheet HTML 8Page - International Rectifier IRF8327STRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF8327SPbF
2
www.irf.com
‡ Pulse width ≤ 400μs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
22
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
5.1
7.3
–––
8.5
10.9
VGS(th)
Gate Threshold Voltage
1.4
1.9
2.4
V
ΔVGS(th)/ΔTJ
Gate Threshold Voltage Coefficient
–––
-6.3
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
μA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
25
–––
–––
S
Qg
Total Gate Charge
–––
9.2
14
Qgs1
Pre-Vth Gate-to-Source Charge
–––
2.7
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.2
–––
nC
Qgd
Gate-to-Drain Charge
–––
3.0
–––
Qgodr
Gate Charge Overdrive
–––
2.3
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
4.2
–––
Qoss
Output Charge
–––
7.9
–––
nC
RG
Gate Resistance
–––
2.1
3.7
Ω
td(on)
Turn-On Delay Time
–––
7.8
–––
tr
Rise Time
–––
8.9
–––
ns
td(off)
Turn-Off Delay Time
–––
9.3
–––
tf
Fall Time
–––
5.3
–––
Ciss
Input Capacitance
–––
1430
–––
Coss
Output Capacitance
–––
370
–––
pF
Crss
Reverse Transfer Capacitance
–––
140
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
52
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
110
(Body Diode)
Ãg
VSD
Diode Forward Voltage
–––
0.80
1.0
V
trr
Reverse Recovery Time
–––
17
26
ns
Qrr
Reverse Recovery Charge
–––
19
29
nC
di/dt = 230A/μs
i
TJ = 25°C, IS = 11A, VGS = 0V i
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 11A i
VDS = VGS, ID = 25μA
TJ = 25°C, IF = 11A
VGS = 4.5V
ID = 11A
VGS = 0V
VDS = 15V
ID = 11A
VDD = 15V, VGS = 4.5VÃi
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 14A i
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
VDS = 15V
VDS = 24V, VGS = 0V, TJ = 125°C
MOSFET symbol
RG = 1.8Ω
VDS = 15V, ID = 11A
Conditions
See Fig. 17
ƒ = 1.0MHz
VDS = 16V, VGS = 0V


유사한 부품 번호 - IRF8327STRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF8327SPBF IRF-IRF8327SPBF Datasheet
264Kb / 10P
   Ultra Low Package Inductance
IRF8327SPBF IRF-IRF8327SPBF_15 Datasheet
264Kb / 10P
   Ultra Low Package Inductance
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com