전자부품 데이터시트 검색엔진 |
|
AMA2805SEM 데이터시트(PDF) 7 Page - International Rectifier |
|
AMA2805SEM 데이터시트(HTML) 7 Page - International Rectifier |
7 / 7 page www.irf.com 7 AMA28XXD Series Part Numbering Standard Microcircuit Drawing Equivalence Table Standard Microcircuit IR Standard Drawing Number Part Number 5962-04250 AMA2812D 5962-04251 AMA2815D AMA 28 05 D /EM Model Input Voltage Output S = Single D = Dual Output Voltage 05 = ±5V 12 = ±12V 15 = ±15V Screening Level 28 = 28V (Please refer to Screening Table) No Suffix, CH, EM Device Screening Requirement MIL-STD-883 Method No Suffix d CH d EM Temperature Range -55°C to +125°C -55°C to +125°C -55°C to +85°C Element Evaluation MIL-PRF-38534 Class H Class H N/A Non-Destructive Bond Pull 2023 N/A N/A N/A Internal Visual 2017 Yes Yes c Temperature Cycle 1010 Cond C Cond C Cond C Constant Acceleration 2001, Y1 Axis 3000 Gs 3000 Gs 3000 Gs PIND 2020 Cond A Cond A N/A 320 hrs @ 125°C 320 hrs @ 125°C 48 hrs @ 125°C ( 2 x 160hrs ) ( 2 x 160hrs ) Final Electrical MIL-PRF-38534 -55°C, +25°C, -55°C, +25°C, -55°C, +25°C, ( Group A ) & Specification +125°C +125°C +85°C PDA MIL-PRF-38534 2% 2% N/A Seal, Fine and Gross 1014 Cond A, C Cond A, C Cond A Radiographic 2012 Yes Yes N/A External Visual 2009 Yes Yes c Burn-In 1015 Notes: Best commercial practice. Device with ‘/CH’ suffix is a DSCC class H compliant without radiation performance. No suffix is a radiation rated device but not available as a DSCC qualified SMD per MIL-PRF-38534. International Rectifier currently does not have a DSCC certified Radiation Hardness Assurance Program. WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105 IR SAN JOSE: 2520Junction Avenue, San Jose, California 95134, Tel: (408) 434-5000 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 08/2010 |
유사한 부품 번호 - AMA2805SEM |
|
유사한 설명 - AMA2805SEM |