전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431S 데이터시트(PDF) 5 Page - Calogic, LLC

부품명 TL431S
상세설명  Precision Adjustable Precision Adjustable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CALOGIC [Calogic, LLC]
홈페이지  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

TL431S 데이터시트(HTML) 5 Page - Calogic, LLC

  TL431S Datasheet HTML 1Page - Calogic, LLC TL431S Datasheet HTML 2Page - Calogic, LLC TL431S Datasheet HTML 3Page - Calogic, LLC TL431S Datasheet HTML 4Page - Calogic, LLC TL431S Datasheet HTML 5Page - Calogic, LLC TL431S Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TL431
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
TYPICAL PERFORMANCE CURVES (continued)
70
0
10
1G-47
NOISE VOLTAGE
100k
f – FREQUENCY (Hz)
60
50
40
30
20
10
10k
1k
100
VKA = VREF
= 10mA
TA = 25˚C
I K
0.150
0.0
–60
1G-48
LOW FREQUENCY DYNAMIC
OUTPUT IMPEDANCE
–30
0
306090
120
0.125
0.100
0.075
0.050
0.025
VKA = VREF
= 1 TO 100mA
f
≤ 1kHz
I KA
– FREE AIR TEMPERATURE
TA
100
0.01
1k
1G-49
DYNAMIC OUTPUT
IMPEDANCE
10M
f – FREQUENCY (Hz)
1M
100k
10k
10
1.0
0.1
TA = 25˚C
= 1 TO 100mA
I K
70
0
1k
1G-50
SMALL SIGNAL GAIN
vs FREQUENCY
10M
f – FREQUENCY (Hz)
60
50
40
30
20
10
1M
100k
10k
I K = 10mA
TA = 25˚C
1H-01
K
I
230
GND
OUT
15k
8.25k
9
µF
CORPORATION


유사한 부품 번호 - TL431S

제조업체부품명데이터시트상세설명
logo
IK Semicon Co., Ltd
TL431S IKSEMICON-TL431S Datasheet
3Mb / 12P
   Programmable Precision Reference
logo
Guangdong Youtai Semico...
TL431S UMW-TL431S Datasheet
695Kb / 13P
   Adjustable Precision Shunt Regulator
logo
Cystech Electonics Corp...
TL431S5 CYSTEKEC-TL431S5 Datasheet
281Kb / 8P
   Adjustable Precision Shunt Regulators
TL431SA3 CYSTEKEC-TL431SA3 Datasheet
204Kb / 6P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431SDT NXP-TL431SDT Datasheet
214Kb / 23P
   Adjustable precision shunt regulator
Rev. 02-20 January 2010
More results

유사한 설명 - TL431S

제조업체부품명데이터시트상세설명
logo
Sipex Corporation
SPX2431 SIPEX-SPX2431 Datasheet
142Kb / 9P
   Precision Adjustable Shunt Regulator
logo
Anachip Corp
AP432 ANACHIP-AP432 Datasheet
313Kb / 16P
   Adjustable Precision Shunt Regulator
logo
Sipex Corporation
SPX431C SIPEX-SPX431C Datasheet
159Kb / 9P
   Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
SS432G ETC-SS432G Datasheet
382Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431S TOSHIBA-TA76431S Datasheet
263Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
NEC
UPC1093 NEC-UPC1093 Datasheet
109Kb / 16P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Compact Technology Corp...
TL432 CTC-TL432 Datasheet
153Kb / 6P
   Adjustable Precision Shunt Regulator
logo
Seaward Electronics Inc...
SE431D SEAWARD-SE431D_14 Datasheet
365Kb / 8P
   Adjustable Precision Shunt Regulator
logo
Diotec Semiconductor
MMTL431A DIOTEC-MMTL431A Datasheet
212Kb / 3P
   Adjustable Precision Shunt Regulator
MMTL431A DIOTEC-MMTL431A_18 Datasheet
212Kb / 3P
   Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com