전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7737L2PBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF7737L2PBF
상세설명  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7737L2PBF 데이터시트(HTML) 3 Page - International Rectifier

  IRF7737L2PBF Datasheet HTML 1Page - International Rectifier IRF7737L2PBF Datasheet HTML 2Page - International Rectifier IRF7737L2PBF Datasheet HTML 3Page - International Rectifier IRF7737L2PBF Datasheet HTML 4Page - International Rectifier IRF7737L2PBF Datasheet HTML 5Page - International Rectifier IRF7737L2PBF Datasheet HTML 6Page - International Rectifier IRF7737L2PBF Datasheet HTML 7Page - International Rectifier IRF7737L2PBF Datasheet HTML 8Page - International Rectifier IRF7737L2PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.irf.com
3
IRF7737L2TR/TR1PbF
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical On-Resistance vs. Gate Voltage
Fig 4. Typical On-Resistance vs. Drain Current
Fig 6. Normalized On-Resistance vs. Temperature
Fig 5. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
≤60μs PULSE WIDTH
Tj = 25°C
4.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤60μs PULSE WIDTH
Tj = 175°C
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
0
1
2
3
4
5
6
ID = 94A
TJ = 25°C
TJ = 125°C
3
4
5
6
7
8
VGS, Gate-to-Source Voltage (V)
1
10
100
1000
TJ = -40°C
TJ = 25°C
TJ = 175°C
VDS = 25V
≤60μs PULSE WIDTH
5
30
55
80
105 130 155 180 205
ID, Drain Current (A)
1.0
1.3
1.6
1.9
2.2
2.5
2.8
TJ = 25°C
TJ = 125°C
Vgs = 10V
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Junction Temperature (°C)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
ID = 94A
VGS = 10V


유사한 부품 번호 - IRF7737L2PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7737L2TR1PBF IRF-IRF7737L2TR1PBF Datasheet
629Kb / 10P
   DirectFETPower MOSFET
IRF7737L2TRPBF IRF-IRF7737L2TRPBF Datasheet
629Kb / 10P
   DirectFETPower MOSFET
More results

유사한 설명 - IRF7737L2PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com