전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7680 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD7680
상세설명  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7680 데이터시트(HTML) 1 Page - Analog Devices

  AD7680 Datasheet HTML 1Page - Analog Devices AD7680 Datasheet HTML 2Page - Analog Devices AD7680 Datasheet HTML 3Page - Analog Devices AD7680 Datasheet HTML 4Page - Analog Devices AD7680 Datasheet HTML 5Page - Analog Devices AD7680 Datasheet HTML 6Page - Analog Devices AD7680 Datasheet HTML 7Page - Analog Devices AD7680 Datasheet HTML 8Page - Analog Devices AD7680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Dual Differential 16-Bit, 1 MSPS
PulSAR ADC 12.0 mW in QSOP
Data Sheet
AD7903
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
16-bit resolution with no missing codes
Throughput: 1 MSPS
Low power dissipation
7.0 mW at 1 MSPS (VDD1 and VDD2 only)
12.0 mW at 1 MSPS (total)
140 µW at 10 kSPS
INL: ±0.5 LSB typical, ±2.0 LSB maximum
SINAD: 93.5 dB at 1 kHz
THD: −112 dB at 1 kHz
True differential analog input range: ±VREF
0 V to VREF with VREF between 2.4 V to 5.1 V
Allows use of any input range
Easy to drive with the ADA4941-1
No pipeline delay
Single-supply 2.5 V operation with 1.8 V/2.5 V/3 V/5 V logic
interface
Serial port interface (SPI)/QSPI/MICROWIRE/DSP compatible
20-lead QSOP package
Wide operating temperature range: −40°C to +125°C
APPLICATIONS
Battery-powered equipment
Communications
Automated test equipment (ATE)
Data acquisition
Medical instrumentation
Redundant measurement
Simultaneous sampling
GENERAL DESCRIPTION
The AD7903 is a dual 16-bit, successive approximation, analog-
to-digital converter (ADC) that operates from a single power
supply, VDDx, per ADC. It contains two low power, high speed,
16-bit sampling ADCs and a versatile serial port interface (SPI).
On the CNVx rising edge, the AD7903 samples the voltage
difference between the INx+ and INx− pins. The voltages on
these pins usually swing in opposite phases between 0 V and
VREF. The externally applied reference voltage of the REFx pins
(VREF) can be set independently from the supply voltage pins,
VDDx. The power of the device scales linearly with throughput.
Using the SDIx inputs, the SPI-compatible serial interface can
also daisy-chain multiple ADCs on a single 3-wire bus and provide
an optional busy indicator. It is compatible with 1.8 V, 2.5 V, 3 V,
or 5 V logic, using the separate VIOx supplies.
The AD7903 is available in a 20-lead QSOP package with operation
specified from −40°C to +125°C.
Table 1. MSOP 14-/16-/18-Bit PulSAR® ADCs
Bits
100
kSPS
250
kSPS
400 kSPS
to 500 kSPS
1000
kSPS
ADC
Driver
18
AD76911
AD76901
AD79821
ADA4941-1
ADA4841-x
16
AD7680
AD76851
AD76861
AD79801
ADA4941-1
AD7683
AD76871
AD76881
AD7903
ADA4841-x
AD7684
AD7694
AD76931
AD7902
14
AD7940
AD79421
AD79461
1
Pin-for-pin compatible.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GND
VDD1 VDD2
2.5V
REF1 REF2
REF = 2.5V TO 5V
ADC1
IN1+
IN1–
VIO1
SDI1
SCK1
CNV1
SDO1
VIO1/VIO2
SDI1/SDI2
SCK1/SCK2
CNV1/CNV2
SDO1
REF
±10V, ±5V, ...
ADC2
IN2+
IN2–
VIO2
SDI2
SCK2
CNV2
SDO2
SDO2
REF
±10V, ±5V, ...
3-WIRE OR 4-WIRE
INTERFACE
(SPI, CS, AND
CHAIN MODES)
AD7903
ADA4941-1
ADA4941-1


유사한 부품 번호 - AD7680

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7680 AD-AD7680 Datasheet
200Kb / 11P
   3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
REV. PrE 11/02
AD7680 AD-AD7680 Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7680 AD-AD7680 Datasheet
480Kb / 20P
   3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. 0
AD7680 AD-AD7680 Datasheet
348Kb / 25P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
AD7680 AD-AD7680 Datasheet
526Kb / 24P
   16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. PrB
More results

유사한 설명 - AD7680

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7903 AD-AD7903 Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
AD7902 AD-AD7902_17 Datasheet
681Kb / 29P
   Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
logo
List of Unclassifed Man...
AD7902BRQZ ETC2-AD7902BRQZ Datasheet
1Mb / 29P
   Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
logo
Analog Devices
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com