전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7691 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD7691
상세설명  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7691 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD7691 Datasheet HTML 6Page - Analog Devices AD7691 Datasheet HTML 7Page - Analog Devices AD7691 Datasheet HTML 8Page - Analog Devices AD7691 Datasheet HTML 9Page - Analog Devices AD7691 Datasheet HTML 10Page - Analog Devices AD7691 Datasheet HTML 11Page - Analog Devices AD7691 Datasheet HTML 12Page - Analog Devices AD7691 Datasheet HTML 13Page - Analog Devices AD7691 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data Sheet
AD7903
Rev. A | Page 9 of 28
Figure 11. Histogram of a DC Input at the Code Center, VREF = 5 V
Figure 12. Histogram of a DC Input at the Code Transition, VREF = 5 V
Figure 13. SNR, SINAD, and ENOB vs. Reference Voltage
Figure 14. Histogram of a DC Input at the Code Center, VREF = 2.5 V
Figure 15. SNR vs. Input Level
Figure 16. THD, SFDR vs. Reference Voltage
45000
40000
35000
30000
25000
20000
15000
10000
5000
0
FFE1 FFE2 FFE3 FFE4 FFE5 FFE6 FFE7 FFE8 FFE9 FFEA
CODES IN HEX
40000
35000
30000
25000
20000
15000
10000
5000
0
FFD2 FFD3 FFD4 FFD5 FFD6 FFD7 FFD8 FFD9 FFDA FFDB
CODES IN HEX
100
98
96
94
92
90
88
86
84
82
80
16.0
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
2.25 2.50 2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00 5.25
REFERENCE VOLTAGE (V)
SNR
SINAD
ENOB
45000
40000
35000
30000
25000
20000
15000
10000
5000
0
FFF1 FFF2 FFF3 FFF4 FFF5 FFF6 FFF7 FFF8 FFF9
FFFB
FFFA
CODES IN HEX
98
97
96
95
94
93
92
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
INPUT LEVEL (dB)
–95
–125
–110
–115
–105
–100
–120
115
85
100
95
105
110
90
2.25
5.25
REFERENCE VOLTAGE (V)
2.75
3.25
3.75
4.25
4.75
THD
SFDR


유사한 부품 번호 - AD7691

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7691 AD-AD7691 Datasheet
898Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
REV. 0
AD7691 AD-AD7691 Datasheet
526Kb / 24P
   16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. PrB
AD7691 AD-AD7691 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7691 AD-AD7691 Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7691 AD-AD7691 Datasheet
421Kb / 16P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
More results

유사한 설명 - AD7691

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7903 AD-AD7903 Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
AD7902 AD-AD7902_17 Datasheet
681Kb / 29P
   Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
logo
List of Unclassifed Man...
AD7902BRQZ ETC2-AD7902BRQZ Datasheet
1Mb / 29P
   Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
logo
Analog Devices
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com