전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS027B4DH01 데이터시트(PDF) 5 Page - Sharp Corporation

부품명 LS027B4DH01
상세설명  Technical Literature For TFT-LCD Module
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS027B4DH01 데이터시트(HTML) 5 Page - Sharp Corporation

  LS027B4DH01 Datasheet HTML 1Page - Sharp Corporation LS027B4DH01 Datasheet HTML 2Page - Sharp Corporation LS027B4DH01 Datasheet HTML 3Page - Sharp Corporation LS027B4DH01 Datasheet HTML 4Page - Sharp Corporation LS027B4DH01 Datasheet HTML 5Page - Sharp Corporation LS027B4DH01 Datasheet HTML 6Page - Sharp Corporation LS027B4DH01 Datasheet HTML 7Page - Sharp Corporation LS027B4DH01 Datasheet HTML 8Page - Sharp Corporation LS027B4DH01 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SPEC
No.
LCY-12T09602C
MODEL
No.
LS027B4DH01
PAGE
3
Equipment and containers
Process equipment such as conveyer, soldering iron, working bench and containers may possibly generate
electrostatic charge up and discharge. Equipment must be grounded through 100Mohms resistance. Use
ion blower.
Floor
Floor plays an important role in leaking static electricity generated in human body or equipment.
If the floor
is made of insulated material (such as polymer or rubber material), such static electricity may charge.
Proper measure should be taken to avoid static electricity charge (electrostatic earth:
100Mohms).There is
a possibility that the static electricity is charged to them without leakage in case of insulating floor, so the
electrostatic earth:1×10
8
Ω should be made.
Humidity
Humidity in work area relates to surface resistance of the persons or objects that generate
electrostatics, and it can be manipulated to prevent electrostatic charge.
Humidity of 40% or
lower increases electrostatic earth resistance and promotes electrostatic charging.
Therefore,
the humidity in the work area should be kept above 40%.
Specifically for film peeling process
or processes that require human hands, humidity should be kept above 50% and use electricity
removal blower.
Transportation/Storage
Containers and styroform used in transporation and storage may charge electrostatic (from friction and
peeling) or electrostatic charge from human body, etc. may cause containers and styroform to have induced
charge.
Proper electrostatic measure should be taken for containers and storage material.


유사한 부품 번호 - LS027B4DH01

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
   LCD Module
logo
Azumo, Inc.
LS027B7DH01 AZUMO-LS027B7DH01 Datasheet
736Kb / 1P
   2.7” Reflective LCD 2.0TM
12/20/2023
logo
Sharp Corporation
LS027B7DH01A SHARP-LS027B7DH01A Datasheet
441Kb / 8P
   The Sharp Memory LCD Suite
More results

유사한 설명 - LS027B4DH01

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
LS013B4DN02 SHARP-LS013B4DN02 Datasheet
666Kb / 29P
   TECHNICAL LITERATURE For TFT-LCD Module
LS013B7DH01 SHARP-LS013B7DH01 Datasheet
475Kb / 31P
   Technical Literature For TFT-LCD Module
GH04P21A2GE SHARP-GH04P21A2GE Datasheet
41Kb / 4P
   TECHNICAL LITERATURE FOR LASER DIODE
GM5WT95200A SHARP-GM5WT95200A Datasheet
688Kb / 14P
   TECHNICAL LITERATURE FOR Light Emitting Diode
GP2W0110YP SHARP-GP2W0110YP Datasheet
700Kb / 24P
   TECHNICAL LITERATURE FOR Optical Data communication transceiver
LQ181E1LW31 SHARP-LQ181E1LW31 Datasheet
556Kb / 24P
   TFT-LCD Module
LQ150X1LGN2A SHARP-LQ150X1LGN2A Datasheet
901Kb / 24P
   TFT-LCD MODULE
LQ121S1LG41 SHARP-LQ121S1LG41 Datasheet
3Mb / 19P
   TFT-LCD Module
LQ084S3DG01 SHARP-LQ084S3DG01 Datasheet
702Kb / 20P
   TFT-LCD Module
LQ10D131 SHARP-LQ10D131 Datasheet
1Mb / 19P
   TFT - LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com