전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FCD380N60ECT-ND 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FCD380N60ECT-ND
상세설명  FCD380N60E N-Channel SuperFET II Easy-Drive MOSFET 600 V, 10.2 A, 380 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCD380N60ECT-ND 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FCD380N60ECT-ND Datasheet HTML 1Page - Fairchild Semiconductor FCD380N60ECT-ND Datasheet HTML 2Page - Fairchild Semiconductor FCD380N60ECT-ND Datasheet HTML 3Page - Fairchild Semiconductor FCD380N60ECT-ND Datasheet HTML 4Page - Fairchild Semiconductor FCD380N60ECT-ND Datasheet HTML 5Page - Fairchild Semiconductor FCD380N60ECT-ND Datasheet HTML 6Page - Fairchild Semiconductor FCD380N60ECT-ND Datasheet HTML 7Page - Fairchild Semiconductor FCD380N60ECT-ND Datasheet HTML 8Page - Fairchild Semiconductor FCD380N60ECT-ND Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2012 Fairchild Semiconductor Corporation
FCD380N60E Rev. C2
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Eoss vs. Drain to Source Voltage
-100
-50
0
50
100
150
200
0.85
0.90
0.95
1.00
1.05
1.10
1.15
*Notes:
1. VGS = 0V
2. ID = 10mA
TJ, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
*Notes:
1. VGS = 10V
2. ID = 5A
TJ, Junction Temperature [
oC]
25
50
75
100
125
150
0
2
4
6
8
10
12
TC, Case Temperature [
oC]
0.1
1
10
100
1000
0.1
1
10
50
10μs
100μs
1ms
10ms
VDS, Drain to Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
oC
2. TJ = 150
oC
3. Single Pulse
DC
0
100
200
300
400
500
600
0
1
2
3
4
5
6
V
DS, Drain to Source Voltage [V]


유사한 부품 번호 - FCD380N60ECT-ND

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FCD380N60E FAIRCHILD-FCD380N60E Datasheet
205Kb / 9P
   N-Channel SuperFET짰 II MOSFET 600 V, 10.2 A, 380 m廓
logo
Inchange Semiconductor ...
FCD380N60E ISC-FCD380N60E Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FCD380N60ECT-ND

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FCPF380N60E-F154 ONSEMI-FCPF380N60E-F154 Datasheet
263Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
FCPF380N60-F154 ONSEMI-FCPF380N60-F154 Datasheet
253Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
logo
Fairchild Semiconductor
FCPF380N60_F152-ND FAIRCHILD-FCPF380N60_F152-ND Datasheet
653Kb / 10P
   FCP380N60 / FCPF380N60 N-Channel SuperFET II MOSFET 600 V, 10.2 A, 380 m廓
FCD380N60E FAIRCHILD-FCD380N60E Datasheet
205Kb / 9P
   N-Channel SuperFET짰 II MOSFET 600 V, 10.2 A, 380 m廓
logo
ON Semiconductor
FCPF380N65FL1-F154 ONSEMI-FCPF380N65FL1-F154 Datasheet
317Kb / 10P
   MOSFET – N-Channel, SUPERFET II, FRFET 650 V, 10.2 A, 380 m
December, 2020 - Rev. 0
logo
Fairchild Semiconductor
FCPF190N60E-ND FAIRCHILD-FCPF190N60E-ND Datasheet
647Kb / 10P
   FCP190N60E / FCPF190N60E N-Channel SuperFET II Easy-Drive MOSFET 600 V, 20.6 A, 190 m廓
FCD900N60ZCT-ND FAIRCHILD-FCD900N60ZCT-ND Datasheet
614Kb / 9P
   FCD900N60Z N-Channel SuperFET II MOSFET 600 V, 4.5 A, 900 m廓
logo
ON Semiconductor
FCPF600N60ZL1-F154 ONSEMI-FCPF600N60ZL1-F154 Datasheet
294Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 7.4 A, 600 m
December, 2020 - Rev. 0
FCD600N65S3R0 ONSEMI-FCD600N65S3R0 Datasheet
416Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 6 A, 600 m
August, 2019 ??Rev. 4
FCU600N65S3R0 ONSEMI-FCU600N65S3R0 Datasheet
296Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 6 A, 600 m
August, 2019 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com