전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC010B 데이터시트(PDF) 6 Page - Lineage Power Corporation

부품명 LC010B
상세설명  LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

LC010B 데이터시트(HTML) 6 Page - Lineage Power Corporation

Back Button LC010B Datasheet HTML 2Page - Lineage Power Corporation LC010B Datasheet HTML 3Page - Lineage Power Corporation LC010B Datasheet HTML 4Page - Lineage Power Corporation LC010B Datasheet HTML 5Page - Lineage Power Corporation LC010B Datasheet HTML 6Page - Lineage Power Corporation LC010B Datasheet HTML 7Page - Lineage Power Corporation LC010B Datasheet HTML 8Page - Lineage Power Corporation LC010B Datasheet HTML 9Page - Lineage Power Corporation LC010B Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Lineage Power
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Electrical Specifications (continued)
Table 4. General Specifications
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO = 80% of IO, max; TC = 40 °C):
Lx010
Lx015
7,800,000
5,400,000
hours
hours
Weight
28.3 (1.0)
g (oz.)
Hand Soldering
(soldering iron 3 mm (0.125 in.) tip, 425 °C)
——
12
s
Table 5. Feature Specifications
Parameter
Device Code
or Suffix
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface (optional):
(VI = 0 V to VI, max; open collector or
equivalent compatible; signal referenced to
VI(–) terminal. See Figure 38 and Feature
Descriptions.):
Positive Logic— Device Code Suffix “4”:
Logic Low—Module Off
Logic High—Module On
Negative Logic— Device Code Suffix “1”:
Logic Low—Module On
Logic High—Module Off
Module Specifications:
On/Off Current—Logic Low
On/Off Voltage:
Logic Low
Logic High (Ion/off = 0)
Open Collector Switch Specifications:
Leakage Current During Logic High
(Von/off = 10 V)
Output Low Voltage During Logic Low
(Ion/off = 1 mA)
All
All
All
All
All
Ion/off
Von/off
Von/off
Ion/off
Von/off
–0.7
1.0
1.2
10
50
1.2
mA
V
V
µA
V
Turn-on Delay and Rise Times
(At 80% of IO, max; TA = 25 °C; see Figures 31
and 32.):
Case 1: On/Off Input Is Set for Unit On and
then Input Power Is Applied (delay from
point at which VI = VI, min until VO = 10% of
VO, nom).
Case 2: Input Power Is Applied for at Least
One Second, and then the On/Off Input Is
Set to Turn the Module On (delay from
point at which on/off input is toggled until
VO = 10% of VO, nom).
Output Voltage Rise Time
(time for VO to rise from 10% of VO, nom to
90% of VO, nom)
Output Voltage Overshoot
(at 80% of IO, max; TA = 25 °C)
All
All
All
All
Tdelay
Tdelay
Trise
5
1
0.2
20
10
5
5
ms
ms
ms
%


유사한 부품 번호 - LC010B

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
LC010B MACOM-LC010B Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LC010B GE-LC010B Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC010B LINEAGEPOWER-LC010B Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010BK MACOM-LC010BK Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LC010BK GE-LC010BK Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results

유사한 설명 - LC010B

제조업체부품명데이터시트상세설명
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
General Semiconductor
JC030D-M GE-JC030D-M Datasheet
738Kb / 20P
   JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com