전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD3N50NZTM 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FDD3N50NZTM
상세설명  DESIGN/PROCESS CHANGE NOTIFICATION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD3N50NZTM 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FDD3N50NZTM Datasheet HTML 5Page - Fairchild Semiconductor FDD3N50NZTM Datasheet HTML 6Page - Fairchild Semiconductor FDD3N50NZTM Datasheet HTML 7Page - Fairchild Semiconductor FDD3N50NZTM Datasheet HTML 8Page - Fairchild Semiconductor FDD3N50NZTM Datasheet HTML 9Page - Fairchild Semiconductor FDD3N50NZTM Datasheet HTML 10Page - Fairchild Semiconductor FDD3N50NZTM Datasheet HTML 11Page - Fairchild Semiconductor FDD3N50NZTM Datasheet HTML 12Page - Fairchild Semiconductor FDD3N50NZTM Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Qualification Plan
Device
Package
Process
No. of Lots
Q20120269
FGD4536TM
TT252003
PDP 4GEN Trench IGBT_360V Dpak
1
Reliability
Test
Condition
Standard
Device Name
FGD4536TM
Lot No.
Q20120269AA
Duration
Result/FA
PRECON
L1 260C
JESD22-A113
5 Cycles 24
hrs
0/154
HTGB
100 % Rated VGS, Tj
max=150C
JESD22-A108
1000hrs
0/77
HTRB
80% of Rated BV, Tj max=150C
JESD22-A108
1000hrs
0/77
HTSL
150 C
JESD22-A103
1000hrs
0/77
HAST
130 C, 85% RH, Vds=42V
JESD22-A110
96hrs
0/77
PRCL
Delta 100C, 2 min on, 3.5 min
off
MIL-STD-750-
1036
10000 cycles
0/77
RSDH
260C
JESD22-B106
10 sec
0/30
TMCL
-65 C to 150 C, 30 min/ cycles
JESD22-A104
500 cycles
0/77
Qualification Plan
Device
Package
Process
No. of Lots
Q20120270
FCD7N60TM
TT252002
SuperFET_600V Dpak
1
Reliability
Test
Condition
Standard
Device Name
FCD7N60TM
Lot No.
Q20120270AA
Duration
Result/FA
PRECON
L1 260C
JESD22-A113
5 Cycles 24
hrs
0/154
HTGB
100 % Rated VGS, Tj
max=150C
JESD22-A108
1000hrs
0/77
HTRB
80% of Rated BV, Tj max=150C
JESD22-A108
1000hrs
0/77
HTSL
150 C
JESD22-A103
1000hrs
0/77
HAST
130 C, 85% RH, Vds=42V
JESD22-A110
96hrs
0/77
PRCL
Delta 100C, 2 min on, 3.5 min
off
MIL-STD-750-
1036
10000 cycles
0/77
RSDH
260C
JESD22-B106
10 sec
0/30
TMCL
-65 C to 150 C, 30 min/ cycles
JESD22-A104
500 cycles
0/77
9 of 14


유사한 부품 번호 - FDD3N50NZTM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD3N50NZTM FAIRCHILD-FDD3N50NZTM Datasheet
550Kb / 8P
   N-Channel MOSFET 500V, 2.5A, 2.5?
logo
VBsemi Electronics Co.,...
FDD3N50NZTM VBSEMI-FDD3N50NZTM Datasheet
1Mb / 9P
   Power MOSFET
More results

유사한 설명 - FDD3N50NZTM

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
PCN-20180087 LITEON-PCN-20180087 Datasheet
709Kb / 14P
   Process Change Notification
Apr 1 , 2019
logo
STMicroelectronics
145 STMICROELECTRONICS-145 Datasheet
432Kb / 12P
   PRODUCT/PROCESS CHANGE NOTIFICATION
logo
ON Semiconductor
SMQA2000T1G ONSEMI-SMQA2000T1G Datasheet
104Kb / 15P
   FINAL PRODUCT/PROCESS CHANGE NOTIFICATION
Rev.14 Jun 2007
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
7717-15NG AAVID-7717-15NG Datasheet
55Kb / 2P
   Product Change Notification
7717-18DAPG AAVID-7717-18DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-18NG AAVID-7717-18NG Datasheet
55Kb / 2P
   Product Change Notification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com