전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC3161IRGCT 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC3161IRGCT
상세설명  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3161IRGCT 데이터시트(HTML) 9 Page - Texas Instruments

Back Button DAC3161IRGCT Datasheet HTML 5Page - Texas Instruments DAC3161IRGCT Datasheet HTML 6Page - Texas Instruments DAC3161IRGCT Datasheet HTML 7Page - Texas Instruments DAC3161IRGCT Datasheet HTML 8Page - Texas Instruments DAC3161IRGCT Datasheet HTML 9Page - Texas Instruments DAC3161IRGCT Datasheet HTML 10Page - Texas Instruments DAC3161IRGCT Datasheet HTML 11Page - Texas Instruments DAC3161IRGCT Datasheet HTML 12Page - Texas Instruments DAC3161IRGCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
DAC3151
DAC3161
DAC3171
www.ti.com
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
PIN ASSIGNMENT TABLE – DAC3161 (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
DATA INTERFACE
DATA[11:0]P/N
9/10-
I
LVDS input data bits for both channels. Each positive/negative LVDS pair has an internal 100
Ω
19/20
termination resistor. Data format relative to DATACLKP/N clock is Double Data Rate (DDR) with two data
transfers per DATACKP/N clock cycle.
22/23
26/27,
The data format is interleaved with channel A (rising edge) and channel B falling edge.
29/30-
In the default mode (reverse bus not enabled):
35/36
DATA13P/N is most significant data bit (MSB)
DATA0P/N is most significant data bit (LSB)
DATACLKP/N
24/25
I
DDR differential input data clock. Edge to center nominal timing. Ch A rising edge, Ch B falling edge in
multiplexed output mode.
SYNCP/N
6/7
I
Reset the FIFO or to be used as a syncing source. These two functions are captured with the rising edge
of DATACLKP/N. The signal captured by the falling edge of DATACLKP/N.
ALIGNP/N
4/5
I
LVPECL FIFO output syncrhonization. This positive/negative pair is captured with the rising edge of
DACCLKP/N. It is used to reset the clock dividers and for multiple DAC synchronization. If unused it can
be left unconnected.
OUTPUT/CLOCK
DACCLKP/N
1/2
I
LVPECL clock input for DAC core with a self-bias of approximately CLKVDD18/2.
IOUTAP/N
61/60
O
A-Channel DAC current output. An offset binary data pattern of 0x0000 at the DAC input results in a full
scale current source and the most positive voltage on the IOUTAP pin. Similarly, a 0xFFFF data input
results in a 0 mA current source and the least positive voltage on the IOUTAP pin.
REFERENCE
EXTIO
58
I/O
Used as external reference input when internal reference is disabled. Requires a 0.1 µF decoupling
capacitor to GND when used as reference output.
BIASJ
57
O
Full-scale output current bias. For 20 mA full-scale output current, connect a 960
Ω resistor to GND.
POWER SUPPLY
IOVDD
45
I
Supply voltage for CMOS IO’s. 1.8V – 3.3V.
CLKVDD18
3
I
1.8V clock supply
DIGVDD18
21, 28
I
1.8V digital supply. Also supplies LVDS receivers.
VDDA18
50, 64
I
Analog 1.8V supply
VDDA33
55, 56,
I
Analog 3.3V supply
59
VFUSE
8
I
Digital supply voltage. (1.8V) This supply pin is also used for factory fuse programming. Connect to
DVDD pins for normal operation.
NC
37, 38,
Not Used. These pins can be left open or tied to GROUND in actual application use. It is recommended
39, 40,
to turn off pin 37-40 (register lvdsdata_ena) to save power.
51, 52,
53, 54,
62, 63
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC3151 DAC3161 DAC3171


유사한 부품 번호 - DAC3161IRGCT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC3161 TI-DAC3161 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results

유사한 설명 - DAC3161IRGCT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com