전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLH6224TRPBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRLH6224TRPBF
상세설명  Battery Protection Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLH6224TRPBF 데이터시트(HTML) 6 Page - International Rectifier

  IRLH6224TRPBF Datasheet HTML 1Page - International Rectifier IRLH6224TRPBF Datasheet HTML 2Page - International Rectifier IRLH6224TRPBF Datasheet HTML 3Page - International Rectifier IRLH6224TRPBF Datasheet HTML 4Page - International Rectifier IRLH6224TRPBF Datasheet HTML 5Page - International Rectifier IRLH6224TRPBF Datasheet HTML 6Page - International Rectifier IRLH6224TRPBF Datasheet HTML 7Page - International Rectifier IRLH6224TRPBF Datasheet HTML 8Page - International Rectifier IRLH6224TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRLH6224PbF
6
www.irf.com
Fig 16.
Peak Diode Recovery dv/dt Test Circuit for N-Channel
HEXFET® Power MOSFETs
Fig 17. Gate Charge Test Circuit
Fig 18. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

1K
VCC
DUT
0
L
S


유사한 부품 번호 - IRLH6224TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLH6224PBF IRF-IRLH6224PBF Datasheet
301Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLH6224PBF IRF-IRLH6224PBF_15 Datasheet
301Kb / 9P
   Compatible with Existing Surface Mount Techniques
More results

유사한 설명 - IRLH6224TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR6225PBF IRF-IRLR6225PBF Datasheet
301Kb / 8P
   Battery Protection Switch
logo
Shenzhen Guan Hua Wei Y...
WSD3095DN56 WIINSOK-WSD3095DN56 Datasheet
2Mb / 5P
   Battery protection Load switch
WSD14N10DN WIINSOK-WSD14N10DN Datasheet
2Mb / 5P
   Battery protection Load switch
WSF80N06H WIINSOK-WSF80N06H Datasheet
1Mb / 5P
   Load switch. Battery protection.
WSD1614DN WIINSOK-WSD1614DN Datasheet
1Mb / 6P
   Battery protection Load switch
WSF30150 WIINSOK-WSF30150 Datasheet
1Mb / 5P
   Battery protection, Load switch
WSD4080DN56 WIINSOK-WSD4080DN56 Datasheet
1Mb / 5P
   Battery protection Load switch
WSD3075DN56 WIINSOK-WSD3075DN56 Datasheet
2Mb / 5P
   Battery protection Load switch
logo
STMicroelectronics
VN5R003HTR-E STMICROELECTRONICS-VN5R003HTR-E Datasheet
293Kb / 20P
   3 m廓 reverse battery protection switch
VN5R003H-E STMICROELECTRONICS-VN5R003H-E Datasheet
293Kb / 20P
   3 m廓 reverse battery protection switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com