전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLH7134TRPBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRLH7134TRPBF
상세설명  Secondary Side Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLH7134TRPBF 데이터시트(HTML) 1 Page - International Rectifier

  IRLH7134TRPBF Datasheet HTML 1Page - International Rectifier IRLH7134TRPBF Datasheet HTML 2Page - International Rectifier IRLH7134TRPBF Datasheet HTML 3Page - International Rectifier IRLH7134TRPBF Datasheet HTML 4Page - International Rectifier IRLH7134TRPBF Datasheet HTML 5Page - International Rectifier IRLH7134TRPBF Datasheet HTML 6Page - International Rectifier IRLH7134TRPBF Datasheet HTML 7Page - International Rectifier IRLH7134TRPBF Datasheet HTML 8Page - International Rectifier IRLH7134TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4/24/12
IRLH7134PbF
HEXFET® Power MOSFET
Notes
 through ‡ are on page 9
PD -97781
Features and Benefits
www.irf.com
1
Applications
Secondary Side Synchronous Rectification
Inverters for DC Motors
DC-DC Brick Applications
Boost Converters
PQFN 5X6 mm
Note
Form
Quantity
IRLH7134TRPBF
PQFN 5mm x 6mm
Tape and Reel
4000
IRLH7134TR2PBF
PQFN 5mm x 6mm
Tape and Reel
400
Orderable part number
Package Type
Standard Pack
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
g
PD @ TC(Bottom) = 25°C
Power Dissipation
g
Linear Derating Factor
g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
-55 to + 150
3.6
0.029
104
Max.
26
85
hi
640
± 16
40
21
134
hi
50
i
V
W
A
°C
Features
Benefits
Low RDSon (
≤4.7mW @ VGS = 4.5V )
Lower Conduction Losses
Low Thermal Resistance to PCB (< 1.2°C/W)
Enables better thermal dissipation
Low Profile (<0.9 mm)
results in Increased Power Density
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability
VDS
40
V
RDS(on) max
(@VGS = 10V)
3.3
m
Ω
Qg (typical)
39
nC
ID
(@Tc(Bottom) = 25°C)
50
i
A


유사한 부품 번호 - IRLH7134TRPBF

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IRLH7134TRPbF INFINEON-IRLH7134TRPbF Datasheet
539Kb / 10P
   HEXFET짰 Power MOSFET
2016-08-01
More results

유사한 설명 - IRLH7134TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5204PBF IRF-IRFH5204PBF_15 Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com