전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLML0060PBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRLML0060PBF
상세설명  HEXFETPower MOSFET Load/ System Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLML0060PBF 데이터시트(HTML) 6 Page - International Rectifier

Back Button IRLML0060PBF Datasheet HTML 2Page - International Rectifier IRLML0060PBF Datasheet HTML 3Page - International Rectifier IRLML0060PBF Datasheet HTML 4Page - International Rectifier IRLML0060PBF Datasheet HTML 5Page - International Rectifier IRLML0060PBF Datasheet HTML 6Page - International Rectifier IRLML0060PBF Datasheet HTML 7Page - International Rectifier IRLML0060PBF Datasheet HTML 8Page - International Rectifier IRLML0060PBF Datasheet HTML 9Page - International Rectifier IRLML0060PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRLML0060TRPbF
6
www.irf.com
Fig 13. Typical On-Resistance vs. Drain
Current
Fig 12. Typical On-Resistance vs. Gate
Voltage
Fig 14b. Gate Charge Test Circuit
Fig 14a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
VGS
D.U.T.
VDS
ID
IG
3mA
VGS
.3
F
50K
.2
F
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
3
4
5
6
7
8
9
10
VGS, Gate -to -Source Voltage (V)
0
100
200
300
400
ID = 2.7A
TJ = 25°C
TJ = 125°C
0
2
4
6
8
10
12
ID, Drain Current (A)
50
75
100
125
150
Vgs = 10V
Vgs = 4.5V


유사한 부품 번호 - IRLML0060PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLML0060PBF IRF-IRLML0060PBF Datasheet
205Kb / 10P
   Industry-standard pinout
IRLML0060PBF IRF-IRLML0060PBF_15 Datasheet
205Kb / 10P
   Industry-standard pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com