전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLML2060TRPBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRLML2060TRPBF
상세설명  HEXFETPower MOSFET Load/ System Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLML2060TRPBF 데이터시트(HTML) 3 Page - International Rectifier

  IRLML2060TRPBF Datasheet HTML 1Page - International Rectifier IRLML2060TRPBF Datasheet HTML 2Page - International Rectifier IRLML2060TRPBF Datasheet HTML 3Page - International Rectifier IRLML2060TRPBF Datasheet HTML 4Page - International Rectifier IRLML2060TRPBF Datasheet HTML 5Page - International Rectifier IRLML2060TRPBF Datasheet HTML 6Page - International Rectifier IRLML2060TRPBF Datasheet HTML 7Page - International Rectifier IRLML2060TRPBF Datasheet HTML 8Page - International Rectifier IRLML2060TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRLML2060TRPbF
www.irf.com
3
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 4. Normalized On-Resistance
vs. Temperature
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
VGS
TOP
10V
8.0V
4.5V
4.0V
3.8V
3.5V
3.3V
BOTTOM
3.0V
60μs PULSE WIDTH
Tj = 25°C
3.0V
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
3.0V
60μs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
8.0V
4.5V
4.0V
3.8V
3.5V
3.3V
BOTTOM
3.0V
2
3
4
5
6
VGS, Gate-to-Source Voltage (V)
0.1
1
10
TJ = 25°C
TJ = 150°C
VDS = 25V
60μs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
ID = 1.2A
VGS = 10V


유사한 부품 번호 - IRLML2060TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLML2060TRPBF IRF-IRLML2060TRPBF Datasheet
210Kb / 10P
   HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
IRLML2060TRPBF VBSEMI-IRLML2060TRPBF Datasheet
1Mb / 9P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com