전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

1006172300 데이터시트(Datasheet) 54 Page - List of Unclassifed Manufacturers

부품명 1006172300
상세내용  Let RoseBopla be your partner for standard or customized enclosures.
PDF  164 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo 

 54 page
background image
www.Rose-Bopla.com
52
Description
Accessories
Part Number
Description
P.C. Card
Slot Sizes
Height
Inches/mm
Width
Inches/mm
Length
Inches/mm
5.12 / 130
5.12 / 130
7.72 / 196
4.09 / 104
6.50 / 165
7.68 / 195
5.67 / 144
5.67 / 144
1.77 / 45
2.72 / 69
4.17 / 106
3.31 / 84
4.13 / 105
6.55 / 166
2.66 / 67
1.69 / 43
• Aluminum electronic enclosures for telecommunications and measurement control
technology
• Sold by the meter and cut to custom lengths to meet design needs
• Versions with flange mounting rails integrated into sides
• Different lid versions depending on enclosure type
• Integrated guide slots for PCBs
Custom Build-A-Box®
Included in delivery
Extrusion only. Sold by the meter.
Technical Data
Material
Ingress Protection
Temperature Resistance
Bare aluminum extrusion Al Mg Si 0.5
IP 40 to EN 60529 (dustight) with aluminum plate lid
IP 65 to EN 60529 (watertight) with die-cast aluminum lid
-40°F to +212°F with aluminum plate lids
-22°F to +176°F with die-cast aluminum lids
Part
Number
07011100 00
07021100 00
07031100 00
07051100 00
07061100 00
07071100 00
07101102 00
07111102 00
100 mm
100 mm
100 mm / 160
100 mm / 80.5
100 mm / 160
160 mm / 189.5
100 mm
100 mm
39.37 / 1000
39.37 / 1000
39.37 / 1000
39.37 / 1000
39.37 / 1000
39.37 / 1000
39.34 / 1000
39.37 / 1000
Part Number
07019509 00
07019509 08
07029507 50
07029507 58
07110618 20
07110618 28
07100618 20
07100618 28
07038916 00
07038916 08
07031200 10
07031200 18
07059521 00
07059521 08
07059520 00
07059520 08
07051200 70
07051200 78
07051200 50
07051200 58
07051200 60
07051200 68
07069521 10
07069521 18
07069520 10
07069520 18
07061200 70
07061200 78
07061200 80
07061200 88
07061200 90
07061200 98
07061200 00
07061200 08
07061200 91
07061200 92
07808003 50
07079521 20
07079521 28
07079520 20
07079520 28
07071201 30
07071201 38
07071201 10
07071201 18
07071201 20
07071201 28
07071201 40
07071201 48
07808004 50
10093032 00
10093270 00
10093212 00
10094102 00
Dustight lid painted black with lid screws for 0701
Dustight lid unpainted with lid screws for 0701
Dustight lid painted with lid screws for 0702
Dustight lid unpainted with lid screws for 0702
Watertight lid painted with lid screws and gasket for 0711
Watertight lid unpainted with lid screws and gasket for 0711
Watertight lid painted with lid screws and gasket for 0710
Watertight lid unpainted with lid screws and gasket for 0710
Dustight wall mount lid painted with lid screws for 0703
Dustight wall mount lid unpainted with lids screws for 0703
Watertight die-cast lid painted with lid screws and gasket for 0703
Watertight die-cast lid unpainted with lid screws and gasket for 0703
Dustight lid painted with lid screws for 0705
Dustight lid unpainted with lid screws for 0705
Dustight wall mount lid painted with lid screws for 0705
Dustight wall mount lid unpainted with lid screws for 0705
Watertight die-cast lid painted with lid screws and gasket for 0705
Watertight die-cast lid unpainted with lid screws and gasket for 0705
Watertight wall mount die cast lid painted with lid screws and gasket for 0705
Watertight wall mount die cast lid painted with lid screws and gasket for 0705
Watertight die cast bezel lid with screws and gasket for 0705
Watertight die cast bezel lid with screws and gasket for 0705
Dustight lid painted with lid screws for 0706
Dustight lid unpainted with lid screws for 0706
Dustight wall mount lid painted with lid screws for 0706
Dustight wall mount lid unpainted with lid screws for 0706
Watertight die-cast lid painted with lid screws and gasket for 0706
Watertight die-cast lid unpainted with lid screws and gasket for 0706
Watertight wall mount die-cast lid painted with lid screws and gasket for 0706
Watertight wall mount die-cast lid unpainted with lid screws and gasket for 0706
Watertight die cast bezel lid painted with lid screws and gasket for 0706
Watertight die-cast bezel lid unpainted with screws and gasket for 0706
Watertight die-cast membrane bezel lid painted with lid screws and gasket for 0706
Watertight die-cast membrane bezel lid unpainted with lid screws and gasket for 0706
Watertight die cast lid w/clear door & snap lock painted with lid screws and gasket for 0706
Watertight die cast lid w/clear door & key lock painted with lid screws, gasket and key for 0706
Watertight die cast membrane bezel lid w/clear pc door & side latch painted with screws and gasket for 0706
Dustight lid painted with lid screws for 0707
Dustight lid unpainted with lid screws for 0707
Dustight wall mount lid painted with lid screws for 0707
Dustight wall mount lid unpainted with lid screws for 0707
Watertight die cast lid unpainted with lid screws for 0707
Watertight die cast lid unpainted with lid screws and gasket for 0707
Wall mount die cast lid painted with lid screws and gasket for 0707
Watertight wall mount die-cast lid unpainted with lid screws and gasket for 0707
Watertight die-cast bezel lid painted with lid screws and gasket for 0707
Watertight die-cast bezel lid unpainted with lid screws and gasket for 0707
Watertight die-cast membrane bezel lid painted with lid screws and gasket for 0707
Watertight die-cast membrane bezel lid unpainted with lid screws and gasket for 0707
Watertight die-cast lid w/clear door & side latch painted with lid screws and gasket for 0707
Stainless steel lid screw M3 x 6 mm for 0701 and 0702
Phillips head screw for watertight lid, M4x18 mm for 0711, 0710, 0703, 0705, 0706, 0707
Slotted countersink screw for dustight lid, M4x6mm for 0703, 0705, 0706, 0707
Table feet (sold as each)
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
All extrusions sold in 1 meter lengths.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl